Electronic Components Datasheet Search
  English  ▼

X  

LTC2222 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2222
Description  12-Bit,105Msps/80Msps ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2222 Datasheet(HTML) 1 Page - Linear Technology

  LTC2222 Datasheet HTML 1Page - Linear Technology LTC2222 Datasheet HTML 2Page - Linear Technology LTC2222 Datasheet HTML 3Page - Linear Technology LTC2222 Datasheet HTML 4Page - Linear Technology LTC2222 Datasheet HTML 5Page - Linear Technology LTC2222 Datasheet HTML 6Page - Linear Technology LTC2222 Datasheet HTML 7Page - Linear Technology LTC2222 Datasheet HTML 8Page - Linear Technology LTC2222 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC2222/LTC2223
1
22223fa
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
■
Sample Rate: 105Msps/80Msps
■ 68dB SNR up to 140MHz Input
■ 80dB SFDR up to 170MHz Input
■
775MHz Full Power Bandwidth S/H
■ Single 3.3V Supply
■ Low Power Dissipation: 475mW/366mW
■
Selectable Input Ranges:
±0.5V or ±1V
■ No Missing Codes
■ Optional Clock Duty Cycle Stabilizer
■
Shutdown and Nap Modes
■ Data Ready Output Clock
■ Pin Compatible Family
135Msps: LTC2224 (12-Bit), LTC2234 (10-Bit)
105Msps: LTC2222 (12-Bit), LTC2232 (10-Bit)
80Msps: LTC2223 (12-Bit), LTC2233 (10-Bit)
■
48-Pin QFN Package
12-Bit,105Msps/
80Msps ADCs
The LTC
®2222 and LTC2223 are 105Msps/80Msps, sam-
pling 12-bit A/D converters designed for digitizing high
frequency, wide dynamic range signals. The LTC2222/
LTC2223 are perfect for demanding communications
applications with AC performance that includes 68dB SNR
and 80dB spurious free dynamic range for signals
up to 170MHz. Ultralow jitter of 0.15psRMS allows
undersampling of IF frequencies with excellent noise
performance.
DC specs include
±0.3LSB INL (typ), ±0.2LSB DNL (typ)
and no missing codes over temperature. The transition
noise is a low 0.5LSBRMS.
A separate output power supply allows the outputs to drive
0.5V to 3.6V logic.
The ENC+ and ENC– inputs may be driven differentially or
single ended with a sine wave, PECL, LVDS, TTL, or CMOS
inputs. An optional clock duty cycle stabilizer allows high
performance at full speed for a wide range of clock duty
cycles.
■
Wireless and Wired Broadband Communication
■ Cable Head-End Systems
■ Power Amplifier Linearization
■
Communications Test Equipment
–
+
INPUT
S/H
CORRECTION
LOGIC
OUTPUT
DRIVERS
12-BIT
PIPELINED
ADC CORE
CLOCK/DUTY
CYCLE
CONTROL
FLEXIBLE
REFERENCE
D11
•
•
•
D0
ENCODE
INPUT
REFH
REFL
ANALOG
INPUT
22201 TA01
0VDD
0.5V TO 3.6V
0GND
VDD
3.3V
INPUT FREQUENCY (MHz)
0
100
95
90
85
80
75
70
65
60
100
200
300
400
500
600
22223 TA01b
4th OR HIGHER
2nd or 3rd
SFDR vs Input Frequency
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC2222

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2222-11 LINER-LTC2222-11 Datasheet
586Kb / 24P
11-Bit, 105Msps ADC
LTC2222-11 LINER-LTC2222-11_15 Datasheet
591Kb / 24P
11-Bit, 105Msps ADC
LTC2222CUK-11 LINER-LTC2222CUK-11 Datasheet
586Kb / 24P
11-Bit, 105Msps ADC
LTC2222IUK-11 LINER-LTC2222IUK-11 Datasheet
586Kb / 24P
11-Bit, 105Msps ADC
LTC2222UK-11 LINER-LTC2222UK-11 Datasheet
586Kb / 24P
11-Bit, 105Msps ADC
More results

Similar Description - LTC2222

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2206 LINER-LTC2206 Datasheet
1Mb / 32P
16-Bit, 105Msps/80Msps ADCs
LTC2207-14 LINER-LTC2207-14 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
LTC2206 LINER-LTC2206_15 Datasheet
1Mb / 32P
16-Bit, 105Msps/80Msps ADCs
LTC2206-14 LINER-LTC2206-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
LTC2207 LINER-LTC2207_15 Datasheet
1Mb / 32P
16-Bit, 105Msps/80Msps ADCs
LTC2207-14 LINER-LTC2207-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
12-Bit,105Msps/ 80Msps ADCs
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
12-Bit,105Msps/ 80Msps ADCs
LTC2233 LINER-LTC2233_15 Datasheet
849Kb / 28P
10-Bit,105Msps/ 80Msps ADCs
LTC2232 LINER-LTC2232_15 Datasheet
849Kb / 28P
10-Bit,105Msps/ 80Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com