Electronic Components Datasheet Search
  English  ▼

X  

LTC2222 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC2222
Description  12-Bit,105Msps/80Msps ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2222 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC2222 Datasheet HTML 20Page - Linear Technology LTC2222 Datasheet HTML 21Page - Linear Technology LTC2222 Datasheet HTML 22Page - Linear Technology LTC2222 Datasheet HTML 23Page - Linear Technology LTC2222 Datasheet HTML 24Page - Linear Technology LTC2222 Datasheet HTML 25Page - Linear Technology LTC2222 Datasheet HTML 26Page - Linear Technology LTC2222 Datasheet HTML 27Page - Linear Technology LTC2222 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
LTC2222/LTC2223
27
22223fa
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
7.00
± 0.10
(4 SIDES)
NOTE:
1. DRAWING CONFORMS TO JEDEC PACKAGE
OUTLINE MO-220 VARIATION (WKKD-2)
2. ALL DIMENSIONS ARE IN MILLIMETERS
3. DIMENSIONS OF EXPOSED PAD ON BOTTOM
OF PACKAGE DO NOT INCLUDE MOLD FLASH.
MOLD FLASH, IF PRESENT, SHALL NOT EXCEED
0.20mm ON ANY SIDE, IF PRESENT
4. EXPOSED PAD SHALL BE SOLDER PLATED
5. SHADED AREA IS ONLY A REFERENCE FOR PIN 1
LOCATION ON THE TOP AND BOTTOM OF PACKAGE
PIN 1 TOP MARK
(SEE NOTE 5)
PIN 1
CHAMFER
0.40
± 0.10
48
47
1
2
BOTTOM VIEW—EXPOSED PAD
5.15
± 0.10
(4-SIDES)
0.75
± 0.05
R = 0.115
TYP
0.25
± 0.05
0.50 BSC
0.200 REF
0.00 – 0.05
(UK48) QFN 0903
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
0.70
±0.05
5.15
±0.05
(4 SIDES)
6.10
±0.05 7.50 ±0.05
0.25
±0.05
0.50 BSC
PACKAGE OUTLINE
UK Package
48-Lead Plastic QFN (7mm
× 7mm)
(Reference LTC DWG # 05-08-1704)
PACKAGE DESCRIPTIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com