Electronic Components Datasheet Search
  English  ▼

X  

AD7846AP Datasheet(PDF) 6 Page - Analog Devices

Part # AD7846AP
Description  16-Bit Voltage Output DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7846AP Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7846AP Datasheet HTML 2Page - Analog Devices AD7846AP Datasheet HTML 3Page - Analog Devices AD7846AP Datasheet HTML 4Page - Analog Devices AD7846AP Datasheet HTML 5Page - Analog Devices AD7846AP Datasheet HTML 6Page - Analog Devices AD7846AP Datasheet HTML 7Page - Analog Devices AD7846AP Datasheet HTML 8Page - Analog Devices AD7846AP Datasheet HTML 9Page - Analog Devices AD7846AP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. E
–6–
AD7846–Typical Performance Curves
FREQUENCY – Hz
30
0
101
102
103
104
105
106
107
20
10
VDD = +15V
VSS = –15V
VREF+ = 5V SINE WAVE
VREF– = 0V
GAIN = +2
Figure 6. Large Signal Frequency
Response
1 s/DIV
50mV/DIV
5V/DIV
DATA
VOUT
5V/DIV
LDAC
Figure 9. Digital-to-Analog Glitch
Impulse With Internal Deglitcher
(10 . . . 000 to 011 . . . 111 Transition)
Figure 12. Spectral Response of
Digitally Constructed Sine Wave
FREQUENCY – Hz
0
102
2
103
104
105
106
4
6
8
VDD = +15V
VSS = –15V
VREF+ = +1Vrms
VREF– = 0V
Figure 5. AC Feedthrough vs.
Frequency
0.5 s/DIV
50mV/DIV
5V/DIV
DATA
VOUT
Figure 8. Digital-to-Analog Glitch
Impulse Without Internal Deglitcher
(10 . . . 000 to 011 . . . 111 Transition)
Figure 11. Pulse Response
(Small Signal)
Figure 4. AC Feedthrough. VREF+ =
1 V rms, 10 kHz Sine Wave
FREQUENCY – Hz
0
102
100
103
104
105
106
VREF+ = VREF– = 0V
GAIN = +1
DAC LOADED WITH ALL 1s
200
300
400
500
Figure 7. Noise Spectral Density
Figure 10. Pulse Response
(Large Signal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com