Electronic Components Datasheet Search
  English  ▼

X  

AD7846AP Datasheet(PDF) 1 Page - Analog Devices

Part # AD7846AP
Description  16-Bit Voltage Output DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7846AP Datasheet(HTML) 1 Page - Analog Devices

  AD7846AP Datasheet HTML 1Page - Analog Devices AD7846AP Datasheet HTML 2Page - Analog Devices AD7846AP Datasheet HTML 3Page - Analog Devices AD7846AP Datasheet HTML 4Page - Analog Devices AD7846AP Datasheet HTML 5Page - Analog Devices AD7846AP Datasheet HTML 6Page - Analog Devices AD7846AP Datasheet HTML 7Page - Analog Devices AD7846AP Datasheet HTML 8Page - Analog Devices AD7846AP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. E
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
LC2MOS
16-Bit Voltage Output DAC
AD7846
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
FEATURES
16-Bit Monotonicity over Temperature
2 LSBs Integral Linearity Error
Microprocessor Compatible with Readback Capability
Unipolar or Bipolar Output
Multiplying Capability
Low Power (100 mW Typical)
GENERAL DESCRIPTION
The AD7846 is a 16-bit DAC constructed with Analog Devices’
LC
2MOS process. It has V
REF+ and VREF– reference inputs and
an on-chip output amplifier. These can be configured to give a
unipolar output range (0 V to +5 V, 0 V to +10 V) or bipolar
output ranges (
±5 V, ±10 V).
The DAC uses a segmented architecture. The 4 MSBs in the
DAC latch select one of the segments in a 16-resistor string.
Both taps of the segment are buffered by amplifiers and fed to a
12-bit DAC, which provides a further 12 bits of resolution. This
architecture ensures 16-bit monotonicity. Excellent integral
linearity results from tight matching between the input offset
voltages of the two buffer amplifiers.
In addition to the excellent accuracy specifications, the AD7846
also offers a comprehensive microprocessor interface. There are
16 data I/O pins, plus control lines (
CS, R/W, LDAC and CLR).
R/
W and CS allow writing to and reading from the I/O latch.
This is the readback function which is useful in ATE applica-
tions.
LDAC allows simultaneous updating of DACs in a multi-
DAC system and the
CLR line will reset the contents of the
DAC latch to 00 . . . 000 or 10 . . . 000 depending on the state
of R/
W. This means that the DAC output can be reset to 0 V in
both the unipolar and bipolar configurations.
The AD7846 is available in 28-lead plastic, ceramic, and PLCC
packages.
FUNCTIONAL BLOCK DIAGRAM
A2
A1
A3
16
SEGMENT
SWITCH
MATRIX
R
R
R
12-BIT DAC
DAC LATCH
I/O LATCH
CONTROL
LOGIC
AD7846
R
R
VREF –
VREF +
VSS
DGND
CLR
LDAC
R/
W
CS
VOUT
RIN
VDD
VCC
4
12
12
DB15 DB0
PRODUCT HIGHLIGHTS
1. 16-Bit Monotonicity
The guaranteed 16-bit monotonicity over temperature makes
the AD7846 ideal for closed-loop applications.
2. Readback
The ability to read back the DAC register contents minimizes
software routines when the AD7846 is used in ATE systems.
3. Power Dissipation
Power dissipation of 100 mW makes the AD7846 the lowest
power, high accuracy DAC on the market.


Similar Part No. - AD7846AP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7846AP AD-AD7846AP Datasheet
451Kb / 24P
LC2MOS 16-Bit Voltage Output DAC
Rev. G
AD7846APZ AD-AD7846APZ Datasheet
451Kb / 24P
LC2MOS 16-Bit Voltage Output DAC
Rev. G
More results

Similar Description - AD7846AP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC161S055 TI1-DAC161S055 Datasheet
486Kb / 23P
Precision 16-Bit, Buffered Voltage-Output DAC
DAC161S055 TI-DAC161S055_13 Datasheet
918Kb / 27P
DAC161S055 Precision 16-Bit, Buffered Voltage-Output DAC
logo
Analog Devices
AD7846 AD-AD7846_10 Datasheet
451Kb / 24P
LC2MOS 16-Bit Voltage Output DAC
Rev. G
AD7846 AD-AD7846_15 Datasheet
451Kb / 24P
LC MOS 16-Bit Voltage Output DAC
Rev. G
logo
Linear Technology
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
logo
Analog Devices
AD5512A AD-AD5512A Datasheet
503Kb / 21P
Serial-Input Voltage-Output, 12-/16-Bit DAC
2/2017-Rev. B to Rev. C
AD5541A AD-AD5541A_18 Datasheet
435Kb / 20P
Serial-Input, Voltage Output, Unbuffered 16-Bit DAC
4/2018-Rev. A to Rev. B
LTC2688 AD-LTC2688 Datasheet
2Mb / 42P
16-Channel, 16-Bit Voltage Output SoftSpan DAC
6/2021-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com