Electronic Components Datasheet Search
  English  ▼

X  

AD7846AP Datasheet(PDF) 9 Page - Analog Devices

Part # AD7846AP
Description  16-Bit Voltage Output DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7846AP Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7846AP Datasheet HTML 5Page - Analog Devices AD7846AP Datasheet HTML 6Page - Analog Devices AD7846AP Datasheet HTML 7Page - Analog Devices AD7846AP Datasheet HTML 8Page - Analog Devices AD7846AP Datasheet HTML 9Page - Analog Devices AD7846AP Datasheet HTML 10Page - Analog Devices AD7846AP Datasheet HTML 11Page - Analog Devices AD7846AP Datasheet HTML 12Page - Analog Devices AD7846AP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD7846
REV. E
–9–
BIPOLAR OPERATION
Figure 19 shows the AD7846 set up for
±10 V bipolar opera-
tion. The AD588 provides precision
±5 V tracking outputs
which are fed to the VREF+ and VREF– inputs of the AD7846.
The code table for Figure 19 is shown in Table IV.
RIN
VOUT
DGND
+15V
+5V
VCC
VDD
VREF+
VREF–
R2
10k
C1
1 F
SIGNAL
GROUND
–15V
*ADDITIONAL PINS
OMITTED FOR CLARITY
AD7846*
AD588
VOUT
(–10V TO +10V)
VSS
+15V
–15V
R3
100k
R1
39k
+15V
4
Figure 19. Bipolar
±10 V Operation
Table IV. Offset Binary Code Table for Figure 19
Binary Number
Analog Output
in DAC Latch
(VOUT)
MSB
LSB
1111 1111 1111 1111
+10 (32767/32768) V
1000 0000 0000 0001
+10 (1/32768) V
1000 0000 0000 0000
0 V
0111 1111 1111 1111
–10 (1/32768) V
0000 0000 0000 0000
–10 (32768/32768) V
NOTE
1 LSB = 10 V/2
15 = 10 V/32768 = 305
µV.
Full scale and bipolar zero adjustment are provided by varying
the gain and balance on the AD588. R2 varies the gain on the
AD588 while R3 adjusts the +5 V and –5 V outputs together
with respect to ground.
For bipolar zero adjustment on the AD7846, load the DAC with
100 . . . 000 and adjust R3 until VOUT = 0 V. Full scale is ad-
justed by loading the DAC with all 1s and adjusting R2 until
VOUT = 9.999694 V.
When bipolar zero and full scale adjustment are not needed, R2
and R3 can be omitted, Pin 12 on the AD588 should be con-
nected to Pin 11 and Pin 5 should be left floating. If a user
wants a +5 V output range, there are two choices. By tying Pin
6 (RIN) of the AD7846 to VOUT (Pin 5), the output stage gain is
reduced to unity and the output range is
±5 V. If only a positive
+5 V reference is available, bipolar
±5 V operation is still pos-
sible. Tie VREF– to 0 V and connect RIN to VREF+. This will also
give a
±5 V output range. However, the linearity, gain, and
offset error specifications will be the same as the unipolar 0 V to
+5 V range.
Other Output Voltage Ranges
In some cases, users may require output voltage ranges other
than those already mentioned. One example is systems which
need the output voltage to be a whole number of millivolts (i.e.,
1 mV, 2 mV, etc.). If the AD689 (8.192 V reference) is used
with the AD7846 as in Figure 20, then the LSB size is 125
µV.
This makes it possible to program whole millivolt values at the
Output. Table V shows the code table for Figure 20.
RIN
VOUT
DGND
+15V
+5V
VCC
VDD
VREF+
VREF–
SIGNAL GROUND
–15V
*ADDITIONAL PINS
OMITTED FOR CLARITY
AD7846*
AD689
VOUT
(0V TO 8.192V)
VSS
Figure 20. Unipolar Output with AD689
Table V. Code Table for Figure 20
Binary Number
Analog Output
in DAC Latch
(VOUT)
MSB
LSB
1111 1111 1111 1111
8.192 V (65535/65536) = 8.1919 V
1000 0000 0000 0000
8.192 V (32768/65536) = 4.096 V
0000 0000 0000 1000
8.192 V (8/65536) = 0.001 V
0000 0000 0000 0100
8.192 V (4/65536) = 0.0005 V
0000 0000 0000 0010
8.192 V (2/65536) = 0.00025 V
0000 0000 0000 0001
8.192 V (1/65536) = 0.000125 V
NOTE
1 LSB = 8.192 V/2
l6 = 125
µV.
Multiplying Operation
The AD7846 is a full multiplying DAC. To get four-quadrant
multiplication, tie VREF– to 0 V, apply the ac input to VREF+ and
tie RIN to VREF+. Figure 6 shows the Large Signal Frequency
Response when the DAC is used in this fashion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com