Electronic Components Datasheet Search
  English  ▼

X  

AD7846AP Datasheet(PDF) 16 Page - Analog Devices

Part # AD7846AP
Description  16-Bit Voltage Output DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7846AP Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7846AP Datasheet HTML 8Page - Analog Devices AD7846AP Datasheet HTML 9Page - Analog Devices AD7846AP Datasheet HTML 10Page - Analog Devices AD7846AP Datasheet HTML 11Page - Analog Devices AD7846AP Datasheet HTML 12Page - Analog Devices AD7846AP Datasheet HTML 13Page - Analog Devices AD7846AP Datasheet HTML 14Page - Analog Devices AD7846AP Datasheet HTML 15Page - Analog Devices AD7846AP Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
REV. E
–16–
AD7846
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
28-Lead Ceramic DIP (Q-28)
28
114
15
0.610 (15.49)
0.500 (12.70)
PIN 1
0.005 (0.13) MIN
0.100 (2.54) MAX
15°
0°
0.620 (15.75)
0.590 (14.99)
0.018 (0.46)
0.008 (0.20)
SEATING
PLANE
0.225
(5.72)
MAX
1.490 (37.85) MAX
0.150
(3.81)
MIN
0.200 (5.08)
0.125 (3.18)
0.015
(0.38)
MIN
0.026 (0.66)
0.014 (0.36)
0.110 (2.79)
0.090 (2.29)
0.070 (1.78)
0.030 (0.76)
28-Lead Plastic DIP (N-28A)
1.450 (36.83)
1.440 (35.576)
0.550 (13.97)
0.530 (13.462)
28
1
14
15
PIN 1
SEATING
PLANE
0.020 (0.508)
0.015 (0.381)
0.065 (1.65)
0.045 (1.14)
0.200
(5.080)
MAX
0.160 (4.06)
0.140 (3.56)
0.100
(2.54)
BSC
0.606 (15.39)
0.594 (15.09)
15
°
0
°
0.012 (0.306)
0.008 (0.203)
28-Lead Plastic Leaded Chip Carrier (PLCC)
(P-28A)
4
PIN 1
IDENTIFIER
5
26
25
11
12
19
18
TOP VIEW
(PINS DOWN)
0.495 (12.57)
0.485 (12.32)
SQ
0.456 (11.58)
0.450 (11.43)
SQ
0.048 (1.21)
0.042 (1.07)
0.048 (1.21)
0.042 (1.07)
0.020
(0.50)
R
0.050
(1.27)
BSC
0.021 (0.53)
0.013 (0.33)
0.430 (10.92)
0.390 (9.91)
0.032 (0.81)
0.026 (0.66)
0.180 (4.57)
0.165 (4.19)
0.040 (1.01)
0.025 (0.64)
0.056 (1.42)
0.042 (1.07)
0.025 (0.63)
0.015 (0.38)
0.110 (2.79)
0.085 (2.16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com