Electronic Components Datasheet Search
  English  ▼

X  

LTC2232 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2232
Description  10-Bit,105Msps/80Msps ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2232 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2232 Datasheet HTML 3Page - Linear Technology LTC2232 Datasheet HTML 4Page - Linear Technology LTC2232 Datasheet HTML 5Page - Linear Technology LTC2232 Datasheet HTML 6Page - Linear Technology LTC2232 Datasheet HTML 7Page - Linear Technology LTC2232 Datasheet HTML 8Page - Linear Technology LTC2232 Datasheet HTML 9Page - Linear Technology LTC2232 Datasheet HTML 10Page - Linear Technology LTC2232 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC2232/LTC2233
7
22323fa
SAMPLE RATE (Msps)
0
120
2232 G10
40
80
85
80
75
70
65
60
55
20
60
100
SFDR
SNR
SAMPLE RATE (Msps)
0
160
150
140
130
120
110
100
20
40
60
80
2232 G11
100
120
SAMPLE RATE (Msps)
0
10
8
6
4
2
0
20
40
60
80
2232 G12
100
120
2V RANGE
1V RANGE
INPUT LEVEL (dBFS)
–50
–40
–30
– 20
2232 G13
–10
90
80
70
60
50
40
30
20
10
0
0
dBFS
dBc
FREQUENCY (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
5
10 15 20
2232 G14
25 30 35 40 45 50
FREQUENCY (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
5
10 15 20
2232 G15
25 30 35 40 45 50
FREQUENCY (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
5
10 15 20
2232 G18
25 30 35 40 45 50
FREQUENCY (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
5
10 15 20
2232 G17
25 30 35 40 45 50
FREQUENCY (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
5
10 15 20
2232 G16
25 30 35 40 45 50
LTC2232: SFDR and SNR vs
Sample Rate, 1V Range,
fIN = 30MHz, –1dB
LTC2232: IVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB
LTC2232: IOVDD vs Sample Rate,
5MHz Sine Wave Input,
–1dB, OVDD = 1.8V
S
TYPICAL PERFOR A CE CHARACTERISTICS
LTC2232: SFDR vs Input Level,
fIN = 70MHz, 2V Range
LTC2232: 8192 Point FFT,
fIN = 5MHz, –1dB, 2V Range
LTC2232: 8192 Point FFT,
fIN = 30MHz, –1dB, 2V Range
LTC2232: 8192 Point FFT,
fIN = 30MHz, –1dB, 1V Range
LTC2232: 8192 Point FFT,
fIN = 70MHz, –1dB, 2V Range
LTC2232: 8192 Point FFT,
fIN = 5MHz, –1dB,1V Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com