Electronic Components Datasheet Search
  English  ▼

X  

LTC2232 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2232
Description  10-Bit,105Msps/80Msps ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2232 Datasheet(HTML) 5 Page - Linear Technology

  LTC2232 Datasheet HTML 1Page - Linear Technology LTC2232 Datasheet HTML 2Page - Linear Technology LTC2232 Datasheet HTML 3Page - Linear Technology LTC2232 Datasheet HTML 4Page - Linear Technology LTC2232 Datasheet HTML 5Page - Linear Technology LTC2232 Datasheet HTML 6Page - Linear Technology LTC2232 Datasheet HTML 7Page - Linear Technology LTC2232 Datasheet HTML 8Page - Linear Technology LTC2232 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC2232/LTC2233
5
22323fa
LTC2232
LTC2233
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VDD
Analog Supply Voltage
●
3.1
3.3
3.5
3.1
3.3
3.5
V
OVDD
Output Supply Voltage
●
0.5
3.3
3.6
0.5
3.3
3.6
V
IVDD
Analog Supply Current
●
144
162
111
123
mA
PDISS
Power Dissipation
●
475
535
366
406
mW
PSHDN
Shutdown Power
SHDN = H, OE = H, No CLK
2
2
mW
PNAP
Nap Mode Power
SHDN = H, OE = L, No CLK
35
35
mW
LTC2232
LTC2233
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
fS
Sampling Frequency
●
1
105
1
80
MHz
tL
ENC Low Time (Note 8)
Duty Cycle Stabilizer Off
●
4.5
4.76
500
5.9
6.25
500
ns
Duty Cycle Stabilizer On
●
3
4.76
500
3
6.25
500
ns
tH
ENC High Time (Note 8)
Duty Cycle Stabilizer Off
●
4.5
4.76
500
5.9
6.25
500
ns
Duty Cycle Stabilizer On
●
3
4.76
500
3
6.25
500
ns
tAP
Sample-and-Hold Aperture Delay
0
0
ns
tD
ENC to DATA Delay
(Note 7)
●
1.3
2.1
4
1.3
2.1
4
ns
tC
ENC to CLOCKOUT Delay
(Note 7)
●
1.3
2.1
4
1.3
2.1
4
ns
DATA to CLOCKOUT Skew
(tC - tD) (Note 7)
●
– 0.6
0
0.6
–0.6
0
0.6
ns
tOE
Output Enable Delay
(Note 7)
●
510
510
ns
Pipeline Latency
5
5
Cycles
POWER REQUIRE E TS The ● denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 9)
TI I G CHARACTERISTICS The ● denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to ground with GND and OGND
wired together (unless otherwise noted).
Note 3: When these pin voltages are taken below GND or above VDD, they will
be clamped by internal diodes. This product can handle input currents of
greater than 100mA below GND or above VDD without latchup.
Note 4: VDD = 3.3V, fSAMPLE = 105MHz (LTC2232) or 80MHz (LTC2233),
differential ENC+/ENC– = 2VP-P sine wave, input range = 2VP-P with differential
drive, unless otherwise noted.
Note 5: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve. The
deviation is measured from the center of the quantization band.
Note 6: Offset error is the offset voltage measured from –0.5 LSB when the
output code flickers between 00 0000 0000 and 11 1111 1111 in 2’s
complement output mode.
Note 7: Guaranteed by design, not subject to test.
Note 8: Recommended operating conditions.
Note 9: VDD = 3.3V, fSAMPLE = 105MHz (LTC2232) or 80MHz (LTC2233),
differential ENC+/ENC– = 2VP-P sine wave, input range = 1VP-P with differential
drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com