Electronic Components Datasheet Search
  English  ▼

X  

LTC2232 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2232
Description  10-Bit,105Msps/80Msps ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2232 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2232 Datasheet HTML 5Page - Linear Technology LTC2232 Datasheet HTML 6Page - Linear Technology LTC2232 Datasheet HTML 7Page - Linear Technology LTC2232 Datasheet HTML 8Page - Linear Technology LTC2232 Datasheet HTML 9Page - Linear Technology LTC2232 Datasheet HTML 10Page - Linear Technology LTC2232 Datasheet HTML 11Page - Linear Technology LTC2232 Datasheet HTML 12Page - Linear Technology LTC2232 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTC2232/LTC2233
9
22323fa
0
1024
2232 G01
256
512
768
1.0
0.8
0.6
0.4
0.2
0
– 0.2
– 0.4
– 0.6
– 0.8
– 1.0
OUTPUT CODE
0
1024
2232 G02
256
512
768
1.0
0.8
0.6
0.4
0.2
0
– 0.2
– 0.4
– 0.6
– 0.8
– 1.0
OUTPUT CODE
INPUT FREQUENCY (MHz)
0
65
64
63
62
61
60
59
58
57
56
55
100
200
2232 G03
500
600
300
400
INPUT FREQUENCY (MHz)
0
65
64
63
62
61
60
59
58
57
56
55
100
200
2232 G04
500
600
300
400
INPUT FREQUENCY (MHz)
0
90
85
80
75
70
65
60
55
50
100
200
300
400
2232 G05
500
600
INPUT FREQUENCY (MHz)
0
90
85
80
75
70
65
60
55
50
100
200
300
400
2232 G06
500
600
INPUT FREQUENCY (MHz)
0
90
85
80
75
70
65
60
55
50
100
200
300
400
2232 G07
500
600
INPUT FREQUENCY (MHz)
0
90
85
80
75
70
65
60
55
50
100
200
300
400
2232 G08
500
600
SAMPLE RATE (Msps)
0
120
2232 G09
40
80
85
80
75
70
65
60
55
50
20
60
100
SFDR
SNR
LTC2233: INL, 2V Range
LTC2233: DNL, 2V Range
LTC2233: SNR vs Input Frequency,
–1dB, 1V Range
LTC2233: SFDR (HD2 and HD3) vs
Input Frequency, –1dB, 2V Range
LTC2233: SNR vs Input Frequency,
–1dB, 2V Range
LTC2233: SFDR (HD2 and HD3) vs
Input Frequency, –1dB, 1V Range
LTC2233: SFDR (HD4+) vs Input
Frequency, –1dB, 2V Range
LTC2233: SFDR (HD4+) vs Input
Frequency, –1dB, 1V Range
LTC2233: SFDR and SNR vs
Sample Rate, 2V Range,
fIN = 30MHz, –1dB
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com