Electronic Components Datasheet Search
  English  ▼

X  

AP3606 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP3606
Description  4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3606 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP3606 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Preliminary Datasheet
4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
AP3606/AP3607
Dec. 2008 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
4
Ordering Information
AP36XX
-
Circuit Type
G1: Green
Package
Temperature
Range
Part Number
Marking ID
Packing
Type
AP3606FNTR-G1
B1B
QFN-3×3-16
-40 to 85
°C
AP3607FNTR-G1
B1C
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Products with "G1" suffix are available in green package.
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
Input Voltage
VIN
-0.3 to 6
V
VOUT Pin Voltage (VOUT1 & VOUT2)
VOUT
-6 to 0.3
V
EN Pin Voltage
VEN
-0.3 to 6
V
C1+, C2+ Pin Voltage
VC+
-0.3 to 6
V
C1-, C2- Pin Voltage
VC-
-6 to 0.3
V
D1, D2, D3, D4 Pin Voltage
AP3606
D1, D2, D3, D4, D5, D6 Pin Voltage AP3607
VD
VOUT to VIN
V
Thermal Resistance
(Junction to Ambient, No Heat Sink, Free Air)
θJA
60
ºC/W
Operating Junction Temperature
TJ
150
ºC
Storage Temperature
TSTG
-65 to 150
ºC
Lead Temperature (Soldering, 10sec)
TLEAD
260
ºC
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
TR: Tape and Reel
06: AP3606
07: AP3607
Package
FN: QFN-3×3-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com