Electronic Components Datasheet Search
  English  ▼

X  

AP3606 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP3606
Description  4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3606 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3606 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Preliminary Datasheet
4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
AP3606/AP3607
Dec. 2008 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
7
Typical Performance Characteristics
TA=25ºC, CIN=C1=C2=COUT=1µF, VF=3.2V, unless otherwise noted.
Figure 4. Shutdown Supply Current vs. Temperature
Figure 5. Shutdown Supply Current vs. Temperature
Figure 6. 1x Mode Quiescent Current vs. Temperature
Figure 7. 1.5x Mode Quiescent Current
vs. Temperature
-40
-20
0
20
40
60
80
100
120
140
1.0
1.5
2.0
2.5
3.0
3.5
4.0
AP3606
V
IN
=3.2V
Shut Down
Temperature (
OC)
-40
-20
0
20
40
60
80
100
120
140
1.0
1.2
1.4
1.6
1.8
2.0
2.2
AP3606/AP3607
T
A
=25
oC
V
IN
=5V
No Load
1x Mode
Temperature (
OC)
-40
-20
0
20
40
60
80
100
120
140
2.0
2.4
2.8
3.2
3.6
4.0
4.4
AP3606/AP3607
T
A
=25
oC
V
IN
=3.2V
No Load
1.5x Mode
Temperature (
OC)
-40
-20
0
20
40
60
80
100
120
140
1.0
1.5
2.0
2.5
3.0
3.5
4.0
AP3607
V
IN
=3.6V
Shut Down
Temperature (
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com