Electronic Components Datasheet Search
  English  ▼

X  

AP3606 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AP3606
Description  4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3606 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3606 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Preliminary Datasheet
4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
AP3606/AP3607
Dec. 2008 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
8
Typical Performance Characteristics (Continued)
TA=25ºC, CIN=C1=C2=COUT=1µF, VF=3.2V, unless otherwise noted.
Figure 8. 1x Mode WLED Current vs. Temperature
Figure 9. 1.5x Mode WLED Current vs. Temperature
Figure 10. 1x Mode WLED Current vs. Temperature
Figure 11. 1.5x Mode WLED Current vs.
Temperature
-40
-20
0
2040
6080
100
120
140
16
17
18
19
20
21
22
AP3606
V
IN
=5V
T
A
=25
OC
Temperature (
OC)
I
D1
I
D2
I
D3
I
D4
-40
-20
0
20
40
60
80
100
120
140
16
17
18
19
20
21
22
AP3606
V
IN
=3.2V
T
A
=25
OC
Temperature (
OC)
I
D1
I
D2
I
D3
I
D4
-40
-20
0
20
40
60
80
100
120
140
16
17
18
19
20
21
22
AP3607
T
A
=25
oC
V
IN
=5V
Temperature (
OC)
I
D1
I
D2
I
D3
I
D4
I
D5
I
D6
-40
-20
0
20
40
60
80
100
120
140
16
17
18
19
20
21
22
AP3607
T
A
=25
oC
V
In
=3.6V
Temperature (
OC)
I
D1
I
D2
I
D3
I
D4
I
D5
I
D6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com