Electronic Components Datasheet Search
  English  ▼

X  

AP3606 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP3606
Description  4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3606 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP3606 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Preliminary Datasheet
4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
AP3606/AP3607
Dec. 2008 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
5
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Input Voltage
VIN
2.7
5.5
V
Operating Ambient Temperature
TA
-40
85
ºC
Electrical Characteristics
VIN=3.6V, VEN=VIN, TA=25ºC, CIN=C1=C2=COUT=1µF, VF(forward voltage)=3.2V, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Section
Input Voltage
VIN
ID=0mA to 80mA
2.7
5.5
V
Under Voltage Lockout Threshold
VIN Falling
2.2
V
Under Voltage Lockout Hysteresis
250
mV
Supply Current
ICC
No Load
1.7
3
mA
Shutdown Supply Current
ISHDN
VEN=GND
3
10
µA
Charge Pump Section
Switch Frequency
fOSC
VIN=3.0V, 1.5x Mode
0.7
1
1.3
MHz
AP3606
VD=3.2V,
ID1=ID2=ID3=ID4=20mA
1x Mode to 1.5x Mode Transition
Voltage (VIN Falling)
V1.5X
AP3607
VD=3.2V,
ID1=ID2=ID3=ID4=
ID5=ID6=20mA
3.5
3.6
V
AP3606
VD=3.2V,
ID1=ID2=ID3=ID4=20mA
1.5x Mode to 1x Mode Transition
Voltage (VIN Rising)
V1X
AP3607
VD=3.2V,
ID1=ID2=ID3=ID4=
ID5=ID6=20mA
3.7
3.8
V
Current Source Section
WLED Current
ID
100% Setting,
3.0V≤VIN≤5.0V
TA=-40ºC to 85ºC
18.5
20
21.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com