Electronic Components Datasheet Search
  English  ▼

X  

AS431I Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AS431I
Description  LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS431I Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AS431I Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Preliminary Datasheet
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
AS431I
Feb. 2009 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
4
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
Cathode Voltage
VKA
40
V
Cathode Current Range (Continuous)
IKA
-100 to 150
mA
Reference Input Current Range
IREF
10
mA
TO-92
770
SOT-89
770
Power Dissipation
PD
SOT-23
370
mW
Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-65 to 150
°C
ESD (Human Body Model)
ESD
2000
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Cathode Voltage
VKA
VREF
36
V
Cathode Current
IKA
0.05
100
mA
Operating Ambient Temperature Range
TA
-40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com