Electronic Components Datasheet Search
  English  ▼

X  

AS431I Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AS431I
Description  LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS431I Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AS431I Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Preliminary Datasheet
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
AS431I
Feb. 2009 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
3
Ordering Information
AS431I
-
Circuit Type
G1: Green
Voltage Tolerance
A: 0.5%
TR: Tape and Reel or Ammo
B: 1.0%
Blank: Bulk
Package
N: SOT-23
R: SOT-89
Z: TO-92
Package
Temperature
Range
Voltage
Tolerance
Part Number
Marking ID
Packing Type
0.5%
AS431IANTR-G1
GB9
Tape & Reel
SOT-23
-40 to 125℃
1.0%
AS431IBNTR-G1
GC9
Tape & Reel
0.5%
AS431IAZ-G1
AS431IAZ-G1
Bulk
0.5%
AS431IAZTR-G1
AS431IAZ-G1
Ammo
1.0%
AS431IBZ-G1
AS431IBZ-G1
Bulk
TO-92
-40 to 125℃
1.0%
AS431IBZTR-G1
AS431IBZ-G1
Ammo
0.5%
AS431IARTR-G1
G43J
Tape & Reel
SOT-89
-40 to 125℃
1.0%
AS431IBRTR-G1
G43K
Tape & Reel
BCD Semiconductor's products, as designated with "G1" suffix in the part number, are RoHS compliant and
Green.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com