Electronic Components Datasheet Search
  English  ▼

X  

AS431I Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AS431I
Description  LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS431I Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AS431I Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Preliminary Datasheet
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
AS431I
Feb. 2009 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
8
10
µF
8.2K
15K
I
KA
Output
242
GND
Typical Performance Characteristics (Continued)
Figure 11. Off-state Cathode Current vs.
Figure 12. Ratio of Delta Reference Voltage to the
Ambient Temperature
Ratio of Delta Cathode Voltage
1k
10k
100k
-30
-20
-10
0
10
20
30
40
50
60
Frequence (Hz)
I
KA
=10mA
T
A
=25
oC
300k
Figure 13. Small Signal Voltage Gain vs. Frequency
-60
-40
-20
0
20
40
60
80
100
120
140
-0.6
-0.4
-0.2
0.0
0.2
0.4
Temperature (
0C)
V
KA
=3.5V to 36V
-60
-40
-20
0
20
40
60
80
100
120
140
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
Temperature (
0C)
V
KA
=36V
V
REF
=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com