Electronic Components Datasheet Search
  English  ▼

X  

AS431I Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AS431I
Description  LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS431I Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AS431I Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AS431I Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Preliminary Datasheet
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
AS431I
Feb. 2009 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
7
Typical Performance Characteristics
Figure 7. Reference Voltage vs. Ambient Temperature
Figure 8. Reference Current vs. Ambient Temperature
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-120
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
Cathode Voltage (V)
V
KA
=V
REF
T
A
=25
oC
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-40
-30
-20
-10
0
10
20
30
40
50
Cathode Voltage (V)
V
KA
=V
REF
T
A
=25
oC
Figure 9. Cathode Current vs. Cathode Voltage
Figure 10. Cathode Current vs. Cathode Voltage
-60
-40
-20
0
20
40
60
80
100
120
140
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
Temperature (
0C)
R
1
=10K, R
2
=infinite
I
KA
=10mA
-60
-40
-20
0
20
40
60
80
100
120
140
2.48
2.49
2.50
2.51
2.52
Temperature (
0C)
V
KA
=V
REF
I
KA
=10mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com