Electronic Components Datasheet Search
  English  ▼

X  

SN75ALS197D Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS197D
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS197D Datasheet(HTML) 4 Page - Texas Instruments

  SN75ALS197D Datasheet HTML 1Page - Texas Instruments SN75ALS197D Datasheet HTML 2Page - Texas Instruments SN75ALS197D Datasheet HTML 3Page - Texas Instruments SN75ALS197D Datasheet HTML 4Page - Texas Instruments SN75ALS197D Datasheet HTML 5Page - Texas Instruments SN75ALS197D Datasheet HTML 6Page - Texas Instruments SN75ALS197D Datasheet HTML 7Page - Texas Instruments SN75ALS197D Datasheet HTML 8Page - Texas Instruments SN75ALS197D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SN75ALS197
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS045B – JANUARY 1989 – REVISED MAY 1995
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended range of common-mode input voltage, supply
voltage, and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT+
Positive-going input threshold voltage
300
mV
VIT–
Negative-going input threshold voltage
– 300‡
mV
Vhys
Hysteresis voltage (VIT+ – VIT –)
See Figure 4
120
mV
VIK
Enable-input clamp voltage
II = –18 mA
– 1.5
V
VOH
High-level output voltage
VID = 300 mV,
IOH = – 400 µA
2.7
3.6
V
VOL
Low level output voltage
VID = 300 mV
IOL = 8 mA
0.45
V
VOL
Low-level output voltage
VID = – 300 mV
IOL = 16 mA
0.5
V
IOZ
High impedance state output current
VCC = 5 25 V
VO = 2.4 V
20
µA
IOZ
High-impedance-state output current
VCC = 5.25 V
VOH = 0.4 V
–20
µA
II
Line input current
Other input at 0 V,
VI = 15 V
0.7
1.2
mA
II
Line input current
,
See Note 3
VI = –15 V
– 1.0
– 1.7
mA
IH
High level enable input current
VIH = 2.7 V
20
µA
IH
High-level enable-input current
VIH = 5.25 V
100
µA
IIL
Low-level enable-input current
VIL = 0.4 V
– 100
µA
Input resistance
12
18
k
Ω
IOS
Short-circuit output current§
VID = 3 V,
VO = 0
–15
–78
– 130
mA
ICC
Supply current
Outputs disabled
22
35
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The algebraic convention, in which the less positive limit is designated minimum, is used in this data sheet for threshold voltage levels only.
§ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
NOTE 3: Refer to ANSI Standard EIA/TIA-422-B and EIA/TIA-423-B for exact conditions.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
VID = – 2.5 V to 2.5 V,
CL = 15 pF,
15
22
ns
tPHL
Propagation delay time, high- to low-level output
ID
,
See Figure 2
L
,
15
22
ns
tPZH
Output enable time to high level
CL =15 pF
See Figure 3
13
25
ns
tPZL
Output enable time to low level
CL = 15 pF,
See Figure 3
11
25
ns
tPHZ
Output disable time from high level
CL =15 pF
See Figure 3
13
25
ns
tPLZ
Output disable time from low level
CL = 15 pF,
See Figure 3
15
22
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com