Electronic Components Datasheet Search
  English  ▼

X  

SN75ALS197D Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS197D
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS197D Datasheet(HTML) 5 Page - Texas Instruments

  SN75ALS197D Datasheet HTML 1Page - Texas Instruments SN75ALS197D Datasheet HTML 2Page - Texas Instruments SN75ALS197D Datasheet HTML 3Page - Texas Instruments SN75ALS197D Datasheet HTML 4Page - Texas Instruments SN75ALS197D Datasheet HTML 5Page - Texas Instruments SN75ALS197D Datasheet HTML 6Page - Texas Instruments SN75ALS197D Datasheet HTML 7Page - Texas Instruments SN75ALS197D Datasheet HTML 8Page - Texas Instruments SN75ALS197D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SN75ALS197
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS045B – JANUARY 1989 – REVISED MAY 1995
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
IOH
VOH
IOL
VOL
VID
2 V
Figure 1. VOH and VOL Test Circuit
VOLTAGE WAVEFORMS
TEST CIRCUIT
tPHL
tPLH
2.5 V
– 2.5 V
VOH
VOL
1.3 V
1.3 V
0 V
Output
Input
0 V
Output
50
Ω
2 V
Generator
(see Note A)
CL = 15 pF
(see Note B)
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, duty cycle ≤ 50%, ZO = 50 Ω,
tr ≤ 6 ns, tf ≤ 6 ns.
B. CL includes probe and jig capacitance.
Figure 2. tPLH and tPHL Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com