Electronic Components Datasheet Search
  English  ▼

X  

SN75ALS197D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS197D
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS197D Datasheet(HTML) 1 Page - Texas Instruments

  SN75ALS197D Datasheet HTML 1Page - Texas Instruments SN75ALS197D Datasheet HTML 2Page - Texas Instruments SN75ALS197D Datasheet HTML 3Page - Texas Instruments SN75ALS197D Datasheet HTML 4Page - Texas Instruments SN75ALS197D Datasheet HTML 5Page - Texas Instruments SN75ALS197D Datasheet HTML 6Page - Texas Instruments SN75ALS197D Datasheet HTML 7Page - Texas Instruments SN75ALS197D Datasheet HTML 8Page - Texas Instruments SN75ALS197D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN75ALS197
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS045B – JANUARY 1989 – REVISED MAY 1995
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Meets or Exceeds the Requirements of ITU
Recommendations V.10, V.11, X.26, and
X.27
D Designed for Multipoint Bus Transmission
on Long Bus Lines in Noisy Environments
D Designed to Operate Up to 20 Mbaud
D 3-State Outputs
D Common-Mode Input Voltage Range
– 7 V to 7 V
D Input Sensitivity... ±300 mV
D Input Hysteresis... 120 mV Typ
D High-Input Impedance...12 kΩ Min
D Operates from Single 5-V Supply
D Low Supply-Current Requirement
35 mA Max
D Improved Speed and Power Consumption
Compared to AM26LS32A
description
The SN75ALSI97 is a monolithic, quadruple line receiver with 3-state outputs designed using advanced,
low-power, Schottky technology. This technology provides combined improvements in bar design, tooling
production, and wafer fabrication. This, in turn, provides significantly lower power requirements and permits
much higher data throughput than other designs. The device meets the specifications of ITU Recommendations
V.10, V.11, X.26, and X.27. It features 3-state outputs that permit direct connection to a bus-organized system
with a fail-safe design that ensures the outputs will always be high if the inputs are open.
The device is optimized for balanced, multipoint bus transmission at rates up to 20 megabits per second. The
input features high-input impedance, input hysteresis for increased noise immunity, and an input sensitivity of
±300 mV over a common-mode input voltage range of –7 V to 7 V. It also features active-high and active-low
enable functions that are common to the four channels. The SN75ALS197 is designed for optimum performance
when used with the SN75ALS192 quadruple differential line driver.
The SN75ALS197 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each receiver)
DIFFERENTIAL INPUTS
ENABLES
OUTPUT
A–B
G
G
Y
VID ≥ 0.3 V
H
X
X
L
H
H
– 0.3 V < VID < 0.3 V
H
X
X
L
?
?
VID ≤ – 0.3 V
H
X
X
L
L
L
X
L
HZ
Open
H
X
X
L
H
H
H = high level, L = low level, X = irrelevant, ? = indeterminate,
Z = high impedance (off)
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1Y
G
2Y
2A
2B
GND
VCC
4B
4A
4Y
G
3Y
3A
3B


Similar Part No. - SN75ALS197D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS197D TI1-SN75ALS197D Datasheet
793Kb / 21P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197DE4 TI1-SN75ALS197DE4 Datasheet
793Kb / 21P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197DG4 TI1-SN75ALS197DG4 Datasheet
793Kb / 21P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197DR TI1-SN75ALS197DR Datasheet
793Kb / 21P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197DRE4 TI1-SN75ALS197DRE4 Datasheet
793Kb / 21P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results

Similar Description - SN75ALS197D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP Datasheet
164Kb / 9P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LS32AM-EP TI1-AM26LS32AM-EP Datasheet
157Kb / 12P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197NSR TI1-SN75ALS197NSR Datasheet
793Kb / 21P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32QDR TI1-AM26C32QDR Datasheet
1Mb / 23P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS199 TI1-SN75ALS199_14 Datasheet
526Kb / 19P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI1-AM26C32_18 Datasheet
1Mb / 31P
Quadruple Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com