Electronic Components Datasheet Search
  English  ▼

X  

TC241 Datasheet(PDF) 9 Page - Texas Instruments

Part # TC241
Description  780- 횞 488-pixel ccd image sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC241 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TC241 Datasheet HTML 5Page - Texas Instruments TC241 Datasheet HTML 6Page - Texas Instruments TC241 Datasheet HTML 7Page - Texas Instruments TC241 Datasheet HTML 8Page - Texas Instruments TC241 Datasheet HTML 9Page - Texas Instruments TC241 Datasheet HTML 10Page - Texas Instruments TC241 Datasheet HTML 11Page - Texas Instruments TC241 Datasheet HTML 12Page - Texas Instruments TC241 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TC241
780-
× 488-PIXEL CCD IMAGE SENSOR
SOCS006C – AUGUST 1986 – REVISED DECEMBER 1991
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
mV
Amplitude
t
Illumination
% of Total
t
Figure 6. Pixel-Nonuniformity,
Figure 7. Pixel-Nonuniformity,
Dark Condition
Illuminated Condition
The grade specification for the TC241 is as follows (CCD video-output signal is 50 mV
±10 mV):
Pixel-nonuniformity:
DARK CONDITION
ILLUMINATED CONDITION
DISTANCE
PART
NONUNIFORM PIXEL TYPE
TOTAL
SEPARATION
PART
NUMBER
PIXEL
AMPLITUDE x
WHITE
BLACK
W/B†
% OF TOTAL
AREA A
AREA B
TOTAL
COUNT‡
NUMBER
AMPLITUDE, x
(mV)
AREA
AREA
AREA
ILLUMINATION
AREA A
AREA B
COUNT‡
X
Y
AREA
()
A
B
A
B
A
B
TC241-20
x > 3.5
0
0
0
0
0
0
x > 5
0
0
—
—
—
—
TC241-30
2.5 < x
≤ 3.5
2
5
2
5
2
5
5.0 < x
≤ 7.5
2
5
12
100
80
A
TC241-30
x > 3.5
0
0
0
0
0
0
x > 7.5
0
0
12
100
80
A
TC241 40
3.5 < x
≤ 7
3
7
3
7
3
7
7.5 < x
≤ 15
3
7
15
TC241-40
x > 7
0
0
0
0
0
0
x > 15
0
0
15
—
—
—
† White and black nonuniform pixel pair
‡ The total spot count is the sum of all nonuniform white, black, and white/black pairs in the dark condition added to the number of nonuniform black
pixels in the illuminated condition. The sum of all nonuniform combinations do not exceed the total count.
Column nonuniformity:
PART
COLUMN
AMPLITUDE
WHITE
BLACK
PART
NUMBER
AMPLITUDE, x
(mV)
AREAS
AREAS
NUMBER
(mV)
A AND B
A AND B
TC241-20
x > 0.3
0
0
TC241-30
x > 0.5
0
0
TC241-40
x > 0.7
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com