Electronic Components Datasheet Search
  English  ▼

X  

TC241 Datasheet(PDF) 11 Page - Texas Instruments

Part # TC241
Description  780- 횞 488-pixel ccd image sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC241 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TC241 Datasheet HTML 7Page - Texas Instruments TC241 Datasheet HTML 8Page - Texas Instruments TC241 Datasheet HTML 9Page - Texas Instruments TC241 Datasheet HTML 10Page - Texas Instruments TC241 Datasheet HTML 11Page - Texas Instruments TC241 Datasheet HTML 12Page - Texas Instruments TC241 Datasheet HTML 13Page - Texas Instruments TC241 Datasheet HTML 14Page - Texas Instruments TC241 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TC241
780-
× 488-PIXEL CCD IMAGE SENSOR
SOCS006C – AUGUST 1986 – REVISED DECEMBER 1991
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating ranges of supply voltage and operating
free-air temperature (unless otherwise noted)
PARAMETER
MIN
TYP†
MAX
UNIT
Dynamic range (see Note 2)
Antiblooming disabled (see Note 3)
60
dB
Charge-conversion factor
1.4
1.6
1.8
µV/e
Charge-transfer efficiency (see Note 4)
0.9999
0.99995
Signal-response delay time,
τ (see Note 5 and Figure 11)
18
20
22
ns
Gamma (see Note 6)
0.97
0.98
Output resistance
700
800
Ω
Noise voltage
1/f noise (5 kHz)
0.13
µV/√Hz
Noise voltage
Random noise (f = 100 kHz)
0.11
µV/√Hz
Noise-equivalent signal
120
electrons
ADB (see Note 7)
20
Rejection ratio at 4.77 MHz
SRG1, SRG2, SRG3 (see Note 8)
40
dB
ABG (see Note 9)
20
Supply current
5
mA
IAG
12000
SRG1, SRG2, SRG3
120
Input capacitance, Ci
ABG
4000
pF
TRG
350
SAG
14000
† All typical values are at TA = 25 °C
NOTES:
2. Dynamic range is – 20 times the logarithm of the mean-noise signal divided by the saturation-output signal.
3. For this test, the antiblooming gate must be biased at the intermediate level.
4. Charge-transfer efficiency is one minus the charge loss per transfer in the output register. The test is performed in the dark using
an electrical input signal.
5. Signal-response delay time is the time between the falling edge of the SRG clock pulse and the output-signal valid state.
6. Gamma (
γ) is the value of the exponent in the equation below for two points on the linear portion of the transfer-function curve (this
value represents points near saturation):
Exposure (2)
Exposure (1)
g
+
Output signal (2)
Output signal (1)
7. ADB rejection ratio is – 20 times the logarithm of the ac amplitude at the output divided by the ac amplitude at ADB.
8. SRGn rejection ratio is – 20 times the logarithm of the ac amplitude at the output divided by the ac amplitude at SRGn.
9. ABG rejection ratio is – 20 times the logarithm of the ac amplitude at the output divided by the ac amplitude at ABG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com