Electronic Components Datasheet Search
  English  ▼

X  

TC241 Datasheet(PDF) 17 Page - Texas Instruments

Part # TC241
Description  780- 횞 488-pixel ccd image sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC241 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TC241 Datasheet HTML 10Page - Texas Instruments TC241 Datasheet HTML 11Page - Texas Instruments TC241 Datasheet HTML 12Page - Texas Instruments TC241 Datasheet HTML 13Page - Texas Instruments TC241 Datasheet HTML 14Page - Texas Instruments TC241 Datasheet HTML 15Page - Texas Instruments TC241 Datasheet HTML 16Page - Texas Instruments TC241 Datasheet HTML 17Page - Texas Instruments TC241 Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
TC241
780-
× 488-PIXEL CCD IMAGE SENSOR
SOCS006C – AUGUST 1986 – REVISED DECEMBER 1991
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
The package for the TC241 consists of a ceramic base, a glass window, and a 22-lead frame. The glass window is
sealed to the package by an epoxy adhesive. The package leads are configured in a dual in-line organization and
fit into mounting holes with 2.54 mm (0.10 in) center-to-center spacings.
(0.217
± 0.030)
5,50
± 0,76
3,86 (0.152) MAX
Optical Center
27,81 (1.095) MAX
8,00 (0.315)
23,39 (0.921)
0,25 (0.010)
10,16 (0.400) TYP
2,79 (0.110)
MAX
(0.730)
18,54
2,01 (0.079)
Index Dot
9,35 (0.368)
REF
0,46 (0.018)
2,54 (0.100)
(see Note D)
18,24
(0.718)
2,01 x 2,39
(0.079 x 0.094)
ALL LINEAR DIMENSIONS ARE IN MILLIMETERS AND PARENTHETICALLY IN INCHES
C
L
TC241 (22 pin)
Optical
(see Note B)
7/94
NOTES: A. Single dimensions are nominal.
B. The center of the package and the center of the image area are not coincident.
C. The distance from the top of the glass to the image-sensor surface is typically 1,46 mm (0.057 in). The glass is 0,95
±0,08 mm thick
and has an index of refraction of 1.53.
D. Each pin centerline is located within 0,25 mm (0.010 in) of its true longitudinal position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com