Electronic Components Datasheet Search
  English  ▼

X  

TC241 Datasheet(PDF) 15 Page - Texas Instruments

Part # TC241
Description  780- 횞 488-pixel ccd image sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC241 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TC241 Datasheet HTML 10Page - Texas Instruments TC241 Datasheet HTML 11Page - Texas Instruments TC241 Datasheet HTML 12Page - Texas Instruments TC241 Datasheet HTML 13Page - Texas Instruments TC241 Datasheet HTML 14Page - Texas Instruments TC241 Datasheet HTML 15Page - Texas Instruments TC241 Datasheet HTML 16Page - Texas Instruments TC241 Datasheet HTML 17Page - Texas Instruments TC241 Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
TC241
780-
× 488-PIXEL CCD IMAGE SENSOR
SOCS006C – AUGUST 1986 – REVISED DECEMBER 1991
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
VERTICAL MODULATION
TRANSFER FUNCTION
(BARS PARALLEL TO SERIAL REGISTER)
0.4
0.2
0
0
0.2
0.4
0.6
0.6
0.8
Normalized Spatial Frequency
1
0.8
1
0
3.7
7.4
11.1
14.8
18.5
Spatial Frequency – Cycles/mm
λ = 400 to 700-nm Monochromatic Light
HORIZONTAL MODULATION
TRANSFER FUNCTION
(BARS PERPENDICULAR TO SERIAL REGISTER)
0.4
0.2
0
0
0.2
0.4
0.6
0.6
0.8
Normalized Spatial Frequency
1
0.8
1
0
8.7
17.4
26.1
34.8
43.5
Spatial Frequency – Cycles/mm
λ = 400 to 700-nm Monochromatic Light
VADB = 12 V
TA = 25°C
VADB = 12 V
TA = 25°C
Figure 12
Figure 13
1
10
f – Frequency – Hz
AMPLIFIER NOISE VOLTAGE
vs
FREQUENCY
100
1000
VADB = 12 V
103
104
105
106
107
0.1
0.01
1
400
600
800
1000
1200
Incident Wavelength – nm
RESPONSIVITY
vs
WAVELENGTH OF INCIDENT LIGHT
70%
50%
30%
20%
10%
7%
5%
3%
2%
100%
VADB = 12 V
TA = 25°C
TA = 25°C
Figure 14
Figure 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com