Electronic Components Datasheet Search
  English  ▼

X  

TCM320AC37 Datasheet(PDF) 4 Page - Texas Instruments

Part # TCM320AC37
Description  VOICE-BAND AUDIO PROCESSORS VBAPE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM320AC37 Datasheet(HTML) 4 Page - Texas Instruments

  TCM320AC37 Datasheet HTML 1Page - Texas Instruments TCM320AC37 Datasheet HTML 2Page - Texas Instruments TCM320AC37 Datasheet HTML 3Page - Texas Instruments TCM320AC37 Datasheet HTML 4Page - Texas Instruments TCM320AC37 Datasheet HTML 5Page - Texas Instruments TCM320AC37 Datasheet HTML 6Page - Texas Instruments TCM320AC37 Datasheet HTML 7Page - Texas Instruments TCM320AC37 Datasheet HTML 8Page - Texas Instruments TCM320AC37 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TCM320AC36, TCM320AC37
VOICE-BAND AUDIO PROCESSORS (VBAP
™)
SLWS003C – MAY 1992 – REVISED APRIL – 1998
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
NAME
NO.
I/O
DESCRIPTION
NAME
DW, N
PT
AGND
—
34
Ground return for all internal analog circuits
AVCC
—
4
5-V supply voltage for all internal analog circuits
CLK
11
19
I
Clock input. In the fixed-data-rate mode, CLK is the master clock input as well as the transmit and
receive data clock input . In the variable-data-rate mode, CLK is the master clock input only (digital).
DCLKR
7
14
I
Selection of fixed- or variable-data-rate operation. When DCLKR is connected to VCC, the device
operates in the fixed-data-rate mode. When DCLKR is not connected to VCC, the device operates in
the variable-data-rate mode, and DCLKR becomes the receive data clock (digital).
DGND
—
27
Ground return for all internal digital circuits
DIN
8
15
I
Receive data input. Input data is clocked in on consecutive negative transitions of the receive data
clock, which is CLK for a fixed data rate and DCLKR for a variable data rate (digital).
DOUT
13
21
O
Transmit data output. Transmit data is clocked out on consecutive positive transitions of the transmit
data clock, which is CLK for a fixed data rate and DCLKX for a variable data rate (digital).
DVCC
—
9
5-V supply voltage for all internal digital circuits
EARA
2
44
O
Earphone output. EARA forms a differential drive when used with the EARB signal (analog).
EARB
3
45
O
Earphone output. EARB forms a differential drive when used with the EARA signal (analog).
EARGS
4
46
I
Earphone gain set input of feedback signal for the earphone output. The ratio of an external potential
divider network connected across EARA and EARB adjusts the power amplifier gain. Maximum gain
occurs when EARGS is connected to EARB. Minimum gain occurs when EARGS is connected to
EARA. Earphone frequency response correction is performed using an RC approach (analog).
EARMUTE
10
17
I
Earphone output mute control signal. When EARMUTE is low, the output amplifier is disabled and no
audio is sent to the earphone (digital).
FSR
9
16
I
Frame-synchronization clock input for the receive channel. In the variable-data-rate mode, this signal
must remain high for the duration of the time slot. The receive channel enters the standby condition
when FSR is TTL-low for five frames or longer. The device enters a production test-mode condition
when either FSR or FSX is held high for five frames or longer (digital).
FSX
12
20
I
Frame synchronization clock input for the transmit channel. FSX operates independently of FSR, but
also in an analogous manner to FSR. The transmit channel enters the standby condition when FSX
is low for five frames or longer. The device enters a production test-mode condition when either FSX
or FSR is held high for five frames or longer (digital).
GND
16
—
Ground return for all internal circuits
LINSEL
15
26
I
Linear selection input. When low, LINSEL selects linear coding/decoding. When high, LINSEL selects
companded coding/decoding. Companding code on the ’AC36 is
µ-law, and companding code on the
’AC37 is A-law (digital).
MICBIAS
20
42
O
Microphone bias. MICBIAS voltage for the electret microphone is equal to VMID.
MICGS
19
41
O
Output of the internal microphone amplifier. MICGS is used as the feedback to set the microphone
amplifier gain. If sidetone is required, it is accomplished by connecting a series network between
MICGS and EARGS (analog).
MICIN
18
40
I
Microphone input. Electret microphone input to the internal microphone amplifier (analog)
MICMUTE
6
11
I
Microphone input mute control signal. When MICMUTE is active (low), zero code is transmitted (dig.).
PDN
1
43
I
Power-down input. When PDN is low, the device powers down to reduce power consumption (digital).
TSX/DCLKX
14
22
I/O
Transmit time slot strobe (active-low output) or data clock (input) for the transmit channel. In the
fixed-data-rate mode, TSX/DCLKX is an open-drain output that pulls to ground and is used as an
enable signal for a 3-state buffer. In the variable-data-rate mode, DCLKX becomes the transmit data
clock input (digital).
VCC
5
—
5-V supply voltage for all internal circuits
VMID
17
36
O
VCC /2 bias voltage reference. A pair of external, low-leakage, high-frequency capacitors (1 µF and
470 pF) should be connected between VMID and ground for filtering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com