Electronic Components Datasheet Search
  English  ▼

X  

TCM320AC37 Datasheet(PDF) 13 Page - Texas Instruments

Part # TCM320AC37
Description  VOICE-BAND AUDIO PROCESSORS VBAPE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM320AC37 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TCM320AC37 Datasheet HTML 9Page - Texas Instruments TCM320AC37 Datasheet HTML 10Page - Texas Instruments TCM320AC37 Datasheet HTML 11Page - Texas Instruments TCM320AC37 Datasheet HTML 12Page - Texas Instruments TCM320AC37 Datasheet HTML 13Page - Texas Instruments TCM320AC37 Datasheet HTML 14Page - Texas Instruments TCM320AC37 Datasheet HTML 15Page - Texas Instruments TCM320AC37 Datasheet HTML 16Page - Texas Instruments TCM320AC37 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
TCM320AC36, TCM320AC37
VOICE-BAND AUDIO PROCESSORS (VBAP
™)
SLWS003C – MAY 1992 – REVISED APRIL – 1998
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
general
system reliability features
The device should be powered up and initialized as follows:
1.
Apply GND.
2.
Apply VCC.
3.
Connect all clocks.
4.
Apply TTL high to PDN.
5.
Apply synchronizing pulses to FSX and/or FSR.
Even though the VBAP is heavily protected against latch-up, it is still possible to cause it to latch up under certain
improper power conditions. To help ensure that latch-up does not occur, a reverse-biased Schottky diode (with
a forward voltage drop of less than or equal to 0.4 V — 1N5711 or equivalent) should be connected between
VCC (power supply) and GND.
On the transmit channel, digital outputs DOUT and TSX are held in the high-impedance state for approximately
four frames (500
µs) after power up or application of VCC. After this delay, DOUT, TSX, and signaling are
functional and occur in the correct time slot. The analog circuits on the transmit side require approximately
60 ms to reach their equilibrium value due to the autozero circuit settling time. To further enhance system
integrity, DOUT and TSX are placed in the high-impedance state after an interruption of CLK.
power-down and standby operations
To minimize power consumption, a power-down mode and three standby modes are provided.
For power down, an external low signal is applied to PDN. In the absence of a signal, PDN is internally pulled
up to a high logic level and the device remains active. In the power-down mode, the average power consumption
is reduced to 3 mW.
Three standby modes give the user the option of placing the entire device on standby, placing only the transmit
channel on standby, or placing only the receive channel on standby. To place the entire device on standby, both
FSX and FSR are held low. For transmit-only operation (receive channel on standby), FSX is pulsing and FSR
is held low. For receive-only operation (transmit section on standby), FSR is pulsing and FSX is held low. When
the entire device is in standby mode, power consumption is reduced to 5 mW. See Table 1 for power-down and
standby procedures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com