Electronic Components Datasheet Search
  English  ▼

X  

TCM320AC37 Datasheet(PDF) 15 Page - Texas Instruments

Part # TCM320AC37
Description  VOICE-BAND AUDIO PROCESSORS VBAPE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM320AC37 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TCM320AC37 Datasheet HTML 11Page - Texas Instruments TCM320AC37 Datasheet HTML 12Page - Texas Instruments TCM320AC37 Datasheet HTML 13Page - Texas Instruments TCM320AC37 Datasheet HTML 14Page - Texas Instruments TCM320AC37 Datasheet HTML 15Page - Texas Instruments TCM320AC37 Datasheet HTML 16Page - Texas Instruments TCM320AC37 Datasheet HTML 17Page - Texas Instruments TCM320AC37 Datasheet HTML 18Page - Texas Instruments TCM320AC37 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
TCM320AC36, TCM320AC37
VOICE-BAND AUDIO PROCESSORS (VBAP
™)
SLWS003C – MAY 1992 – REVISED APRIL – 1998
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
conversion laws
The
TCM320AC36
provides
µ-law companding operation that approximates the CCITT G.711
recommendation. The TCM320AC37 provides A-law companding operation that approximates the CCITT
G.711 recommendation. The linear mode of operation uses a 13-bit two’s-complement format and is the same
for both the TCM320AC36 and the TCM320AC37.
transmit operation
microphone input
The microphone input amplifier is designed specifically to interface to electret-type microphone elements, as
shown in Figure 5. The VMID buffer circuit provides a voltage (MICBIAS) equal to 1/2 VCC as a reference for
the microphone amplifier and a bias voltage to the electret microphone. The microphone amplifier output
(MICGS) is used in conjunction with a feedback network and applied to the amplifier inverting input (MICIN) to
set the amplifier gain. In the companded mode, when the MICIN signal level decreases to a level near the noise
floor, the VBAP mutes the signal and outputs zero bits while continuing to monitor the signal level. When the
input level once again exceeds the noise threshold, the mute is released and normal operation resumes. Input
hysteresis is provided to ensure noiseless transitions into and out of the muted condition. VMID appears at a
terminal to provide a place to filter the VMID voltage.
TCM320AC36/37 VBAP
2 k
Ω
17
VMID
18
MICIN
19
MICGS
20
MICBIAS
To Transmit Filters
Microphone Amplifier
VMID Buffer
10 k
Ω
+
–
VMID Reference
For Amplifiers
1
µF
VMID
Generator
Electret
Microphone
–
+
3.3
µF
MICMUTE
6
10 k
Ω
–
+
VDD
470 pF
+
NOTE A: Terminal numbers shown are for the DW and N packages.
Figure 5. Typical Microphone Interface
microphone mute function
The MICMUTE input causes the digital circuitry to transmit all zero code on DOUT.
transmit filter
A low-pass antialiasing section is included on the device and achieves a 35-dB attenuation at the sampling
frequency. No external components are required to provide the necessary antialiasing function for the
switched-capacitor section of the transmit filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com