Electronic Components Datasheet Search
  English  ▼

X  

TCM320AC37 Datasheet(PDF) 3 Page - Texas Instruments

Part # TCM320AC37
Description  VOICE-BAND AUDIO PROCESSORS VBAPE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM320AC37 Datasheet(HTML) 3 Page - Texas Instruments

  TCM320AC37 Datasheet HTML 1Page - Texas Instruments TCM320AC37 Datasheet HTML 2Page - Texas Instruments TCM320AC37 Datasheet HTML 3Page - Texas Instruments TCM320AC37 Datasheet HTML 4Page - Texas Instruments TCM320AC37 Datasheet HTML 5Page - Texas Instruments TCM320AC37 Datasheet HTML 6Page - Texas Instruments TCM320AC37 Datasheet HTML 7Page - Texas Instruments TCM320AC37 Datasheet HTML 8Page - Texas Instruments TCM320AC37 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TCM320AC36, TCM320AC37
VOICE-BAND AUDIO PROCESSORS (VBAP
™)
SLWS003C – MAY 1992 – REVISED APRIL – 1998
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
12
13
8
DIN
FSR
7
14
15
LINSEL
1
PDN
16
GND
5
VCC
10
4
3
2
EARMUTE
EARGS
EARB
EARA
Earphone
Amplifier
256 kHz
A/D
Converter
Voltage
Reference
Band-Gap
Voltage
Reference
8 kHz
256 kHz
Clock
Generator
Autozero
DCLKR
CLK
TSX/DCLKX
FSX
DOUT
Output
Logic
ADC
MICGS
20
17
19
18
6
VMID
MICBIAS
VMID
VMID
Generator
MICIN
MICMUTE
Input
Buffer
Receive
Buffer
Receive
Filter
DAC
Input
Logic
256 kHz
8 kHz
9
LINSEL
15
11
Transmit
Third-Order
Antialias
Transmit
Sixth-Order
Low Pass
Transmit
First-Order
High Pass
D/A
Converter
Voltage
Reference
Clock
Control
Terminal numbers shown are for the DW and N packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com