Electronic Components Datasheet Search
  English  ▼

X  

THS4032 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS4032
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4032 Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS4032 Datasheet HTML 3Page - Texas Instruments THS4032 Datasheet HTML 4Page - Texas Instruments THS4032 Datasheet HTML 5Page - Texas Instruments THS4032 Datasheet HTML 6Page - Texas Instruments THS4032 Datasheet HTML 7Page - Texas Instruments THS4032 Datasheet HTML 8Page - Texas Instruments THS4032 Datasheet HTML 9Page - Texas Instruments THS4032 Datasheet HTML 10Page - Texas Instruments THS4032 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
THS4031, THS4032
100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
SLOS224C – JULY 1999 – REVISED APRIL 2000
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at TA = full range, VCC = ±15 V, RL = 1 kΩ (unless otherwise noted)
(continued)
dc performance
PARAMETER
TEST CONDITIONS†
THS4031M
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC = ±15 V VO = ±10 V
TA = 25°C
45
75
Open loop gain
VCC = ±15 V, VO = ±10 V
TA = full range
40
V/mV
Open loop gain
VCC = ±5V VO = ±25 V
TA = 25°C
40
55
V/mV
VCC = ±5 V, VO = ±2.5 V
TA = full range
35
VIO
Input offset voltage
VCC = ±5Vor ±15 V
TA = 25°C
0.5
2
mV
VIO
Input offset voltage
VCC = ±5 V or ±15 V
TA = full range
3
mV
IIB
Input bias current
VCC = ±5Vor ±15 V
TA = 25°C
3
6
µA
IIB
Input bias current
VCC = ±5 V or ±15 V
TA = full range
8
µA
IIO
Input offset current
VCC = ±5Vor ±15 V
TA = 25°C
30
250
nA
IIO
Input offset current
VCC = ±5 V or ±15 V
TA = full range
400
nA
Offset voltage drift
VCC = ±5 V or ±15 V
TA = full range
10
µV/°C
Input offset current drift
VCC = ±5 V or ±15 V
TA = full range
0.2
nA/
°C
† Full range = –55
°C to 125°C for the THS4031M.
input characteristics
PARAMETER
TEST CONDITIONS†
THS4031M
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VICR
Common mode input voltage range
VCC = ±15 V
±13.5 ±14.3
V
VICR
Common-mode input voltage range
VCC = ±5 V
±3.8
±4.3
V
VCC = ±15 V
VICR = ±12 V
TA = 25°C
85
95
CMRR
Common mode rejection ratio
VCC = ±15 V,
VICR = ±12 V
TA = full range
80
dB
CMRR
Common mode rejection ratio
VCC = ±5V
VICR = ±25 V
TA = 25°C
90
100
dB
VCC = ±5 V,
VICR = ±2.5 V
TA = full range
85
ri
Input resistance
2
M
Ω
Ci
Input capacitance
1.5
pF
† Full range = –55
°C to 125°C for the THS4031M.
output characteristics
PARAMETER
TEST CONDITIONS†
THS4031M
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC = ±15 V
RL =1kΩ
±13 ±13.6
VO
Output voltage swing
VCC = ±5 V
RL = 1 kΩ
±3.4
±3.8
V
VO
Output voltage swing
VCC = ±15 V
RL = 250 Ω
±12 ±12.9
V
VCC = ±5 V
RL = 150 Ω
±3
±3.5
IO
Output current‡
VCC = ±15 V
RL =20 Ω
60
90
mA
IO
Output current‡
VCC = ±5 V
RL = 20 Ω
50
70
mA
ISC
Short-circuit current‡
VCC = ±15 V
150
mA
RO
Output resistance
Open loop
13
Ω
† Full range = –55
°C to 125°C for the THS4031M.
‡ Observe power dissipation ratings to keep the junction temperature below the absolute maximum rating when the output is heavily loaded or
shorted. See the absolute maximum ratings section of this data sheet for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com