Electronic Components Datasheet Search
  English  ▼

X  

THS4032 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # THS4032
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4032 Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS4032 Datasheet HTML 8Page - Texas Instruments THS4032 Datasheet HTML 9Page - Texas Instruments THS4032 Datasheet HTML 10Page - Texas Instruments THS4032 Datasheet HTML 11Page - Texas Instruments THS4032 Datasheet HTML 12Page - Texas Instruments THS4032 Datasheet HTML 13Page - Texas Instruments THS4032 Datasheet HTML 14Page - Texas Instruments THS4032 Datasheet HTML 15Page - Texas Instruments THS4032 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
THS4031, THS4032
100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
SLOS224C – JULY 1999 – REVISED APRIL 2000
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 14
9
7
5
3
57
9
11
11
13
COMMON-MODE INPUT VOLTAGE
vs
SUPPLY VOLTAGE
15
13
15
± VCC – Supply Voltage – ± V
TA = 25°C
Figure 15
1
0.1
0.01
100 k
1 M
10
f – Frequency – Hz
CLOSED-LOOP OUTPUT IMPEDANCE
vs
FREQUENCY
100
100 M
500 M
10 M
Gain = 1
RF = 1 kΩ
PI = + 3 dBm
VO
+
–
50
Ω
1 k
Ω
1 k
Ω
VI
THS403x
(
VO
VI
=
1000
Zo
)
– 1
40
20
0
–20
100
1 k
10 k
100 k
1 M
60
80
f – Frequency – Hz
OPEN-LOOP GAIN AND PHASE RESPONSE
100
10 M 100 M
1 G
Gain
Phase
VCC = ± 15 V
RL = 150 Ω
0
°
–45
°
–90
°
45
°
–135
°
–180
°
–225
°
Figure 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com