Electronic Components Datasheet Search
  English  ▼

X  

THS4032 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS4032
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4032 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS4032 Datasheet HTML 5Page - Texas Instruments THS4032 Datasheet HTML 6Page - Texas Instruments THS4032 Datasheet HTML 7Page - Texas Instruments THS4032 Datasheet HTML 8Page - Texas Instruments THS4032 Datasheet HTML 9Page - Texas Instruments THS4032 Datasheet HTML 10Page - Texas Instruments THS4032 Datasheet HTML 11Page - Texas Instruments THS4032 Datasheet HTML 12Page - Texas Instruments THS4032 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
THS4031, THS4032
100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
SLOS224C – JULY 1999 – REVISED APRIL 2000
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Input offset voltage distribution
6, 7
VIO
Input offset voltage
vs Free-air temperature
8
IIB
Input bias current
vs Free-air temperature
9
VO
Output voltage swing
vs Supply voltage
10
VOM
Maximum output voltage swing
vs Free-air temperature
11
IO
Maximum output current
vs Free-air temperature
12
ICC
Supply current
vs Free-air temperature
13
VIC
Common-mode input voltage
vs Supply voltage
14
ZO
Closed-loop output impedance
vs Frequency
15
Open-loop gain
16
Phase response
16
PSRR
Power-supply rejection ratio
vs Frequency
17
CMRR
Common-mode rejection ratio
vs Frequency
18
Crosstalk
vs Frequency
19
Harmonic distortion
vs Frequency
20, 21
Harmonic distortion
vs Peak-to-peak output voltage
22, 23
SR
Slew rate
vs Free-air temperature
24
0.1% settling time
vs Output voltage step size
25
Output amplitude
vs Frequency
26 – 30
Small and large signal frequency response
31 – 34
Differential phase
vs Number of 150-
Ω loads
35, 36
Differential gain
vs Number of 150-
Ω loads
37, 38
1-V step response
39, 40
4-V step response
41
20-V step response
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com