Electronic Components Datasheet Search
  English  ▼

X  

THS4032 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # THS4032
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4032 Datasheet(HTML) 30 Page - Texas Instruments

Back Button THS4032 Datasheet HTML 26Page - Texas Instruments THS4032 Datasheet HTML 27Page - Texas Instruments THS4032 Datasheet HTML 28Page - Texas Instruments THS4032 Datasheet HTML 29Page - Texas Instruments THS4032 Datasheet HTML 30Page - Texas Instruments THS4032 Datasheet HTML 31Page - Texas Instruments THS4032 Datasheet HTML 32Page - Texas Instruments THS4032 Datasheet HTML 33Page - Texas Instruments THS4032 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
THS4031, THS4032
100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
SLOS224C – JULY 1999 – REVISED APRIL 2000
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
general PowerPAD
™ design considerations (continued)
The actual thermal performance achieved with the THS403xDGN in its PowerPAD
™ package depends on the
application. In the example above, if the size of the internal ground plane is approximately 3 inches
× 3 inches,
then the expected thermal coefficient,
θJA, is about 58.4_C/W. For comparison, the non-PowerPAD™ version
of the THS403x IC (SOIC) is shown. For a given
θJA, the maximum power dissipation is shown in Figure 56 and
is calculated by the following formula:
P
D +
T
MAX
–T
A
q
JA
Where:
PD
= Maximum power dissipation of THS403x IC (watts)
TMAX = Absolute maximum junction temperature (150°C)
TA
= Free-ambient air temperature (
°C)
θJA = θJC + θCA
θJC = Thermal coefficient from junction to case
θCA = Thermal coefficient from case to ambient air (°C/W)
DGN Package
θJA = 58.4°C/W
2 oz. Trace And Copper Pad
With Solder
DGN Package
θJA = 158°C/W
2 oz. Trace And
Copper Pad
Without Solder
SOIC Package
High-K Test PCB
θJA = 98°C/W
TJ = 150°C
SOIC Package
Low-K Test PCB
θJA = 167°C/W
2
1.5
1
0
–40
–20
0
20
40
2.5
3
MAXIMUM POWER DISSIPATION
vs
FREE-AIR TEMPERATURE
3.5
60
80
100
0.5
TA – Free-Air Temperature – °C
NOTE A: Results are with no air flow and PCB size = 3”
× 3”
Figure 56. Maximum Power Dissipation vs Free-Air Temperature
More complete details of the PowerPAD
™ installation process and thermal management techniques can be
found in the Texas Instruments technical brief,
PowerPAD
™ Thermally Enhanced Package. This document can
be found at the TI web site (www.ti.com) by searching on the key word PowerPAD
™. The document can also
be ordered through your local TI sales office. Refer to literature number SLMA002 when ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com