Electronic Components Datasheet Search
  English  ▼

X  

TIR2000PAG Datasheet(PDF) 39 Page - Texas Instruments

Part # TIR2000PAG
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000PAG Datasheet(HTML) 39 Page - Texas Instruments

Back Button TIR2000PAG Datasheet HTML 35Page - Texas Instruments TIR2000PAG Datasheet HTML 36Page - Texas Instruments TIR2000PAG Datasheet HTML 37Page - Texas Instruments TIR2000PAG Datasheet HTML 38Page - Texas Instruments TIR2000PAG Datasheet HTML 39Page - Texas Instruments TIR2000PAG Datasheet HTML 40Page - Texas Instruments TIR2000PAG Datasheet HTML 41Page - Texas Instruments TIR2000PAG Datasheet HTML 42Page - Texas Instruments TIR2000PAG Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
4–3
MIR/FIR (DMA) Mode
Bit No
7
6
5
4
3
2
1
0
Definition
Not
used
DMA
TC
asserted
TX
underrun
Status
FIFO
threshold
Not
used
Status FIFO
time-out
Not used
Not used
Default
0
0
0
0
0
0
0
0
Bit definition:
BIT NO.
DESCRIPTIONS
0
Not used
1
Not used
2
Status FIFO time-out interrupt pending. Bit 2 is cleared to 0 by reading the Status FIFO.
3
Not used
4
Status FIFO threshold interrupt pending. Bit 4 is cleared to 0 by reading the Status FIFO.
5
Transmit underrun pending. Bit 5 is set to a 1 when an underrun occurs in the data transmit FIFO. Bit 5 is
cleared to 0 by servicing the underrun.
6
DMA terminal count occurred interrupt pending. In the DMA mode, bit 6 is set to 1 when the terminal count
(TC) is asserted. Bit 6 is cleared to 0 by reading the Status FIFO.
7
Not used
TV Mode
IIR_TV
Bit No
7
6
5
4
3
2
1
0
Definition
0
0
TX
underrun
error
0
RX FIFO
overrun error
0
TX FIFO
below
threshold
RX FIFO
over
threshold
Default
0
0
0
0
0
0
1
0
Bit definition:
BIT NO.
DESCRIPTIONS
0
Receiver interrupt pending. Bit 0 is set to a 1 when the receiver FIFO level is equal to or above its threshold
level.
1
Transmitter interrupt pending. Bit 1 is set to a one when the transmitter FIFO level is below its threshold level.
2
always 0
3
Receiver FIFO overrun interrupt. Bit 3 is set to a one when an overrun occurs in the data RX FIFO.
4
always 0
5
Transmit underrun interrupt pending. Bit 5 is set to a one when an underrun occurs in the data transmit FIFO.
6
always 0
7
always 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com