Electronic Components Datasheet Search
  English  ▼

X  

TIR2000PAG Datasheet(PDF) 15 Page - Texas Instruments

Part # TIR2000PAG
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000PAG Datasheet(HTML) 15 Page - Texas Instruments

Back Button TIR2000PAG Datasheet HTML 11Page - Texas Instruments TIR2000PAG Datasheet HTML 12Page - Texas Instruments TIR2000PAG Datasheet HTML 13Page - Texas Instruments TIR2000PAG Datasheet HTML 14Page - Texas Instruments TIR2000PAG Datasheet HTML 15Page - Texas Instruments TIR2000PAG Datasheet HTML 16Page - Texas Instruments TIR2000PAG Datasheet HTML 17Page - Texas Instruments TIR2000PAG Datasheet HTML 18Page - Texas Instruments TIR2000PAG Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 63 page
background image
2–3
4.
Reset the TX FIFO. This includes:
•
Write to the LCR register so that the LCR[7] bit is a 1. The LCR[7] bit must be a 1 to be able to
write to the FCR[5] bit.
•
Program the FCR register to select 64-/16-bytes of the TX FIFO, the non-DMA/DMA mode of
operation, select the TX FIFO trigger level and to clear the TX FIFO.
•
Write the LCR register to set the LCR[7] bit to a 0 for normal operation.
5.
Program the IER register to enable only the transmitter related interrupts and disable the
remaining interrupts. Enable the following:
For programmed I/O mode
•
Transmitter FIFO below threshold level interrupt enable (IER[1])
•
Transmitter underrun interrupt enable (IER[7])
For DMA mode
•
Status FIFO time-out interrupt enable (IER[2])
•
Status FIFO threshold interrupt enable (IER[4])
•
Transmitter underrun interrupt enable (IER[6])
6.
Write a 1 to the ACREG[7] bit to enable data transmission
7.
Write a 1 to the MCR[3] bit. This enables the selected IRQ channel.
2.1.1.1.1
Frame-Closing Methods
There are two ways a transmission frame can be properly terminated: frame-length method and set-EOT
bit method. The two methods are described as follows:
•
Frame-Length method: This method is selected when the MDR[7] bit equals 0. The CPU writes
the frame-length value to the TXFLH and TXFLL registers. The device automatically attaches an
end flag to the frame when the number of bytes transmitted becomes equal to the TXFLH and
TXFLL value.
•
Set-EOT bit method: This method is selected when the MDR[7] bit equals 1. The CPU writes a
1 to the EOT bit of the ACREG[0] register just before it writes the last byte to the TX FIFO. When
the CPU writes the last byte to the TX FIFO, the device internally sets the tag bit for that particular
byte in the TX FIFO. As the peripheral device in the transmit mode reads bytes from the TX FIFO,
the flag-bit information is used to attach an end flag and properly terminate the frame.
2.1.1.1.2
Store and Controlled Data Transmission
In the store and controlled transmission (SCT), the CPU initially writes (stores) the data in the TX FIFO. After
the CPU writes a part of the frame (for a bigger frame) or the whole frame (a small frame such as a
supervisory frame), it enables another bit (ACREG[2] in this case) to start transmission. The SCT is effective
when the CPU writes a 1 to the MDR[5] bit. This method of transmission is different from the normal mode
of transmission (MDR[5] = 0) where transmission of data starts right after the CPU writes the first byte to
the TX FIFO. The SCT sends short frames without a TX underrun.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com