Electronic Components Datasheet Search
  English  ▼

X  

TIR2000PAG Datasheet(PDF) 21 Page - Texas Instruments

Part # TIR2000PAG
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000PAG Datasheet(HTML) 21 Page - Texas Instruments

Back Button TIR2000PAG Datasheet HTML 17Page - Texas Instruments TIR2000PAG Datasheet HTML 18Page - Texas Instruments TIR2000PAG Datasheet HTML 19Page - Texas Instruments TIR2000PAG Datasheet HTML 20Page - Texas Instruments TIR2000PAG Datasheet HTML 21Page - Texas Instruments TIR2000PAG Datasheet HTML 22Page - Texas Instruments TIR2000PAG Datasheet HTML 23Page - Texas Instruments TIR2000PAG Datasheet HTML 24Page - Texas Instruments TIR2000PAG Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
2–9
4.
Program the IRCFG[3] bit to select fixed 1.6
µs or 3/16th pulse width
5.
Write a 1 to the ACREG[7] bit to enable data transmission.
6.
Write a 1 to the MCR[3] bit to enable the selected IRQ channel
2.1.3.2
SIR Data Receive Mode
The following register programming steps are required to receive data in SIR mode:
1.
Reset the RX FIFO. This includes:
•
Write the LCR register to set the LCR[7] bit to a 1. The LCR[7] bit must be a 1 in order to be
able to write to the FCR(5) bit.
•
Program the FCR to select 64-/16-bytes RX FIFO register, non-DMA mode of operation,
select the RX FIFO trigger level and to clear the RX FIFO.
•
Write the LCR register so that the LCR[7] bit = 0 (for normal operation).
2.
Program the IER register to enable the receive related interrupts which include:
•
RX threshold interrupt (IER[0]) bit
•
Modem-Status interrupt enable (IER[3])
•
Disable the TX related interrupts (TX FIFO below threshold interrupt and the TX underrun
interrupt).
3.
Write a 1 to the ACREG[6] bit to enable data receive.
2.1.4
SHARP Infrared (IR) mode
The SHARP IR mode of operation is similar to the SIR mode except the modulation/demodulation of the
serial data is different. The SHARP IR mode uses amplitude shift keying (ASK) modulation/demodulation.
Data transfer can take place up to a 38.4K baud rate. In the ASK modulation, a 0 is signaled by sending a
500-kHz continuous pulse and a 1 is signaled by the absence of an IR pulse (see Figure 2–3).
10
1
0
1
No Pulse
Transmit Data
IR Output
Ir Pulse
No Pulse
Ir Pulse
Figure 2–3. SHARP Ir Encoding
The following register programming steps are required for encoding in the SHARP Ir mode:
1.
Program the ICR register
2.
Program the prescaler (PRESC) register to insure the prescaler output is approximately 1.43
MHz. The default PRESC value is used for an input clock frequency of 48 MHz.
3.
Program the auxiliary baud rate divisor lower byte (ABDL) and the auxiliary baud rate divisor
higher byte (ABDH) registers to select the desired communication baud rate for the UART mode.
The baud rate is given by:
(2)
Baud rate
+
X
IN
PRESC
Divisor
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com