Electronic Components Datasheet Search
  English  ▼

X  

TIR2000PAG Datasheet(PDF) 42 Page - Texas Instruments

Part # TIR2000PAG
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000PAG Datasheet(HTML) 42 Page - Texas Instruments

Back Button TIR2000PAG Datasheet HTML 38Page - Texas Instruments TIR2000PAG Datasheet HTML 39Page - Texas Instruments TIR2000PAG Datasheet HTML 40Page - Texas Instruments TIR2000PAG Datasheet HTML 41Page - Texas Instruments TIR2000PAG Datasheet HTML 42Page - Texas Instruments TIR2000PAG Datasheet HTML 43Page - Texas Instruments TIR2000PAG Datasheet HTML 44Page - Texas Instruments TIR2000PAG Datasheet HTML 45Page - Texas Instruments TIR2000PAG Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 63 page
background image
4–6
4.7
Auxiliary Baud–Rate Divisor Lower Register (ABDL) – (write only)
Address: E (Hex) – Bank 3
Baud-rate divisor lower 8–bit for TV, SIR and SHARP mode
Bit No.
7
6
5
4
3
2
1
0
Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
0
0
0
1
1
0
0
0
4.8
Auxiliary Baud–Rate Divisor Higher Register (ABDH) – (write only)
Address: F (Hex) – Bank 3
Baud-rate divisor higher 8–bit for the TV, SIR and SHARP modes.
Bit No.
7
6
5
4
3
2
1
0
Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
0
0
0
0
0
0
0
0
4.9
Mode Definition Register (MDR) – (read and write)
Address: 8 (Hex)
MDR
Bit No.
7
6
5
4
3
2
1
0
Description
Frame end
mode select
2-
µs Ir pulse
select method
SCT mode
enable
Low power
mode enable
Sleep mode
enable
Mode select
Default
0
0
0
0
0
000
Bit definition:
BIT NO.
DESCRIPTIONS
0–2
Mode of operation. Bits 0–2 select the mode of operation as follows:
000
UART
001
SIR
010
SHARP
011
MIR
100
FIR
101
TV
110
Reserved
111
Reserved
3
Sleep-mode enable. When bit 3 is set to 1, sleep mode is enabled. When set to 1 and other conditions are
satisfied, the device goes into the sleep mode. See paragraph 4.9.1.
4
Low power mode enable. When bit 4 is set to 1, bit 4 enables the low power mode. When set to 1 and other
conditions are satisfied, the device goes to low-power mode. See paragraph 4.9.2.
5
Store and controlled transmission enable. When bit 5 is set to 1, store and controlled transmission mode
is enabled.
6
2-
µs Ir pulse select method. Bit 6 selects the 2-µs Ir pulse select method. Set 1 to select 2-µs Ir pulse.
7
When set to a 1, bit 7 selects the Set-EOT-bit method. When a 0, bit 7 selects the frame-length method.
See paragraph 2.1.1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com