Electronic Components Datasheet Search
  English  ▼

X  

FT4232H Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # FT4232H
Description  QUAD HIGH SPEED USB TO MULTIPURPOSE UART
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4232H Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button FT4232H Datasheet HTML 7Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 8Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 9Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 10Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 11Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 12Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 13Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 14Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 15Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
Copyright © 2009 Future Technology Devices International Limited
11
Document No.: FT_000060
FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
Datasheet Version 2.05
Clearance No.: FTDI#78
Pin No.
Name
Type
Description
2
OSCI
INPUT
Oscillator input.
3
OSCO
OUTPUT
Oscillator output.
6
REF
INPUT
Current reference – connect via a 12K Ohm resistor @ 1% to
GND.
7
DM
INPUT
USB Data Signal Minus.
8
DP
INPUT
USB Data Signal Plus.
13
TEST
INPUT
IC test pin – for normal operation should be connected to GND.
14
RESET#
INPUT
Reset input (active low).
60
PWREN#
OUTPUT
Active low power-enable output.
PWREN# = 0: Normal operation.
PWREN# =1 : USB SUSPEND mode or device has not been
configured.
This can be used by external circuitry to power down logic when
device is in USB suspend or has not been configured.
36
SUSPEND#
OUTPUT
Active low when USB is in suspend mode.
Table 3.3 Common Function pins
Pin No.
Name
Type
Description
63
EECS
I/O
EEPROM – Chip Select. Tri-State during device reset.
62
EECLK
OUTPUT
Clock signal to EEPROM. Tri-State during device reset. When not in reset,
this outputs the EEPROM clock.
61
EEDATA
I/O
EEPROM – Data I/O Connect directly to Data-In of the EEPROM and to
Data-Out of the EEPROM via a 2.2K resistor. Also, pull Data-Out of the
EEPROM to VCC via a 10K resistor for correct operation. Tri-State during
device reset.
Table 3.4 EEPROM Interface Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com