Electronic Components Datasheet Search
  English  ▼

X  

FT4232H Datasheet(PDF) 20 Page - Future Technology Devices International Ltd.

Part # FT4232H
Description  QUAD HIGH SPEED USB TO MULTIPURPOSE UART
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4232H Datasheet(HTML) 20 Page - Future Technology Devices International Ltd.

Back Button FT4232H Datasheet HTML 16Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 17Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 18Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 19Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 20Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 21Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 22Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 23Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 24Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
Copyright © 2009 Future Technology Devices International Limited
20
Document No.: FT_000060
FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
Datasheet Version 2.05
Clearance No.: FTDI#78
4.4
MPSSE Interface Mode Description.
MPSSE Mode is designed to allow the FT4232H to interface efficiently with synchronous serial protocols
such as JTAG, I2C and SPI Bus. It can also be used to program SRAM based FPGA’s over USB. The
MPSSE interface is designed to be flexible so that it can be configured to allow any synchronous serial
protocol (industry standard or proprietary) to be implemented using the FT4232H. MPSSE is only available
on channel A and channel B.
MPSSE is fully configurable, and is programmed by sending commands down the data stream. These can
be sent individually or more efficiently in packets. MPSSE is capable of a maximum sustained data rate of 30
Mbits/s.
When a channel is configured in MPSSE mode, the IO timing and signals used are shown in Figure 4.4 and
Table 4.1
. These show timings for CLKOUT=30MHz. CLKOUT can be divided internally to be provide a
slower clock.
Figure 4.4 MPSSE Signal Waveforms
NAME
MIN
NOM
MAX
Units
COMMENT
t1
33.33
ns
CLKOUT period
t2
15
16.67
ns
CLKOUT high period
t3
15
16.67
ns
CLKOUT low period
t4
1
7.15
ns
CLKOUT to TDI/DO delay
t5
0
ns
TDO/DI hold time
t6
11
TDO/DI setup time
Table 4.1 MPSSE Signal Timings
MPSSE mode is enabled using Set Bit Bang Mode driver command. A hex value of 2 will enable it, and a
hex value of 0 will reset the device. See application note AN2232L-02, “Bit Mode Functions for the
FT2232D” for more details and examples.
The MPSSE command set is fully described in application note AN_108 – “Command Processor For
MPSSE and MCU Host Bus Emulation Modes”.
The following additional application notes are available for configuring the MPSSE :
•
AN_109 – “Programming Guide for High Speed FTCI2C DLL”
•
AN_110 – “Programming Guide for High Speed FTCJTAG DLL”
•
AN_111 – “Programming Guide for High Speed FTCSPI DLL”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com