Electronic Components Datasheet Search
  English  ▼

X  

FT4232H Datasheet(PDF) 36 Page - Future Technology Devices International Ltd.

Part # FT4232H
Description  QUAD HIGH SPEED USB TO MULTIPURPOSE UART
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4232H Datasheet(HTML) 36 Page - Future Technology Devices International Ltd.

Back Button FT4232H Datasheet HTML 32Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 33Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 34Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 35Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 36Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 37Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 38Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 39Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 40Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
Copyright © 2009 Future Technology Devices International Limited
36
Document No.: FT_000060
FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
Datasheet Version 2.05
Clearance No.: FTDI#78
8.1
FT4232HQ, QFN-64 Package Dimensions
Notes
1. All dimensions are in mm.
2. Pin 1 ID can be combination of DOT AND/OR Chamfer.
3. Pin 1 ID is NOT connected to the internal ground of the device. It is internally connected to the bottom side
central solder pad, which is 4.35 x 4.35mm.
4. Pin 1 ID can be connected to system ground, but it is not recommended using this as a ground point for
the device.
5. Optional Chamfer on corner leads.
Figure 8.1 64 pin QFN Package Details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com