Electronic Components Datasheet Search
  English  ▼

X  

FT4232H Datasheet(PDF) 18 Page - Future Technology Devices International Ltd.

Part # FT4232H
Description  QUAD HIGH SPEED USB TO MULTIPURPOSE UART
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4232H Datasheet(HTML) 18 Page - Future Technology Devices International Ltd.

Back Button FT4232H Datasheet HTML 14Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 15Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 16Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 17Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 18Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 19Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 20Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 21Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 22Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
Copyright © 2009 Future Technology Devices International Limited
18
Document No.: FT_000060
FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
Datasheet Version 2.05
Clearance No.: FTDI#78
4.3.2
RS422 Configuration
Figure 4.2 illustrates how the FT4232H can be configured as a dual RS422 interface. The FT4232H can
have all 4 channels connected as RS422, but only channel A and channel C are shown for clarity.
FT4232H
TXDM_A
RXDP_A
RTSP_A
CTSP_A
GND
VCC
5
4
12
9
3
11
2
10
14
7
6
D
R
SP491
5
4
12
9
3
11
2
10
14
7
6
D
R
SP491
VCC
120R
120R
TXDP_A
RXDM_A
RTSM_A
CTSM_A
TXDM_C
RXDP_C
RTSP_C
CTSP_C
GND
VCC
5
4
12
9
3
11
2
10
14
7
6
D
R
SP491
5
4
12
9
3
11
2
10
14
7
6
D
R
SP491
VCC
120R
120R
TXDP_C
RXDM_C
RTSM_C
CTSM_C
DB9-M
RS422 Channel C
DB9-M
RS422 Channel A
SUSPEND#
TXD
RXD
RTS#
CTS#
DTR#
DSR#
DCD#
RI#
PWREN#
TXD
RXD
RTS#
CTS#
DTR#
DSR#
DCD#
RI#
36
16
17
18
19
21
22
23
24
60
38
39
40
41
43
44
45
46
Figure 4.2 Dual RS422 Configuration
In this case both channel A and channel C are configured as UART operating at TTL levels. The Sipex
SP491 is used as a level converter to convert the TTL level signals from the FT4232H to RS422 levels.
The PWREN# signal is used to power down the level shifters such that they operate in a low quiescent
current when the USB interface is in suspend mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com