Electronic Components Datasheet Search
  English  ▼

X  

TLC320AC02 Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # TLC320AC02
Description  Single-Supply Analog Interface Circuit
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC320AC02 Datasheet(HTML) 76 Page - Texas Instruments

Back Button TLC320AC02 Datasheet HTML 72Page - Texas Instruments TLC320AC02 Datasheet HTML 73Page - Texas Instruments TLC320AC02 Datasheet HTML 74Page - Texas Instruments TLC320AC02 Datasheet HTML 75Page - Texas Instruments TLC320AC02 Datasheet HTML 76Page - Texas Instruments TLC320AC02 Datasheet HTML 77Page - Texas Instruments TLC320AC02 Datasheet HTML 78Page - Texas Instruments TLC320AC02 Datasheet HTML 79Page - Texas Instruments TLC320AC02 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 84 page
background image
C–3
System Distortion, ADC Channel Attenuation, VDD = 5 V, fs = 8 kHz,
FCLK = 144 kHz (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
TLC320AC01
Second harmonic
70
dB
TLC320AC02
Second harmonic
Differential input
64
dB
TLC320AC01
Third harmonic and higher harmonics
(see Note 3)
70
dB
TLC320AC02
Third harmonic and higher harmonics
64
dB
NOTE 3: The input signal is a 1020 Hz-sine wave for the ADC channel. Harmonic distortion is defined for an input level
of – 1 dB.
System Distortion, DAC Channel Attenuation, VDD = 5 V, fs = 8 kHz,
FCLK = 144 kHz (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
TLC320AC01
Second harmonic
70
dB
TLC320AC02
Second harmonic
Differential output
64
dB
TLC320AC01
Third harmonic and higher harmonics
(see Note 4)
70
dB
TLC320AC02
Third harmonic and higher harmonics
64
dB
NOTE 4: The input signal is the digital equivalent of a 1020-Hz sine wave (digital full scale = 0 dB). The nominal
differential DAC channel output with this input condition is 6 V peak to peak. The load impedance for the DAC
output buffer is 600
Ω from OUT+ to OUT–. Harmonic distortion is specified for a signal input level of 0 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com