Electronic Components Datasheet Search
  English  ▼

X  

TLE2081 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2081
Description  EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2081 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TLE2081 Datasheet HTML 43Page - Texas Instruments TLE2081 Datasheet HTML 44Page - Texas Instruments TLE2081 Datasheet HTML 45Page - Texas Instruments TLE2081 Datasheet HTML 46Page - Texas Instruments TLE2081 Datasheet HTML 47Page - Texas Instruments TLE2081 Datasheet HTML 48Page - Texas Instruments TLE2081 Datasheet HTML 49Page - Texas Instruments TLE2081 Datasheet HTML 50Page - Texas Instruments TLE2081 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 69 page
background image
TLE208x, TLE208xA, TLE208xY
EXCALIBUR HIGH-SPEED JFET-INPUT
OPERATIONAL AMPLIFIERS
SLOS182A – FEBRUARY 1997 – REVISED MARCH 2000
47
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 24
0
– 1
– 3
– 4
– 5
4
– 2
525
45
2
1
3
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
5
65
85
105 125
IO = – 200 µA
IO = – 2 mA
IO = – 20 mA
VCC
± = ±5 V
IO = 20 mA
IO = 2 mA
IO = 200 µA
– 75 – 55 – 35 –15
TA – Free-Air Temperature – °C
Figure 25
12.5
12
11
10.5
10
14.5
11.5
525
45
13.5
13
14
15
65
85
105 125
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
IO = – 20 mA
IO = 20 mA
IO = 2 mA
IO = – 200 µA
IO = 200 µA
VCC
± = ±15 V
– 75 – 55 – 35 –15
TA – Free-Air Temperature – °C
IO = – 2 mA
Figure 26
0
– 5
–15
– 20
– 25
20
–10
0
2.5
5
7.5
10 12.5 15
10
5
15
MAXIMUM PEAK OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
25
17.5 20 22.5 25
IO = – 200 µA
IO = – 2 mA
IO = – 20 mA
IO = 20 mA
IO = 200 µA
IO = 2 mA
TA = 25°C
|VCC
±| – Supply Voltage – V
Figure 27
20
5
0
30
10
25
100 k
1 M
10 M
f – Frequency – Hz
15
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE
vs
FREQUENCY
TA = – 55°C
TA = 25°C,
125
°C
TA = 25°C,
125
°C
TA = – 55°C
VCC
± = ±15 V
RL = 2 kΩ
VCC
± = ±5 V
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com