Electronic Components Datasheet Search
  English  ▼

X  

TLE2081 Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2081
Description  EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2081 Datasheet(HTML) 61 Page - Texas Instruments

Back Button TLE2081 Datasheet HTML 57Page - Texas Instruments TLE2081 Datasheet HTML 58Page - Texas Instruments TLE2081 Datasheet HTML 59Page - Texas Instruments TLE2081 Datasheet HTML 60Page - Texas Instruments TLE2081 Datasheet HTML 61Page - Texas Instruments TLE2081 Datasheet HTML 62Page - Texas Instruments TLE2081 Datasheet HTML 63Page - Texas Instruments TLE2081 Datasheet HTML 64Page - Texas Instruments TLE2081 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 69 page
background image
TLE208x, TLE208xA, TLE208xY
EXCALIBUR HIGH-SPEED JFET-INPUT
OPERATIONAL AMPLIFIERS
SLOS182A – FEBRUARY 1997 – REVISED MARCH 2000
61
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
macromodel information
Macromodel information provided was derived using
PSpice
™ Parts™ model generation software. The Boyle
macromodel (see Note 4) and subcircuit in Figure 58 were generated using the TLE208x typical electrical and
operating characteristics at TA = 25°C. Using this information, output simulations of the following key parameters
can be generated to a tolerance of 20% (in most cases):
D Unity-gain frequency
D Common-mode rejection ratio
D Phase margin
D DC output resistance
D AC output resistance
D Short-circuit output current limit
D Maximum positive output voltage swing
D Maximum negative output voltage swing
D Slew rate
D Quiescent power dissipation
D Input bias current
D Open-loop voltage amplification
NOTE 4: G.R. Boyle, B.M. Cohn, D. O. Pederson, and J. E. Solomon, “Macromodeling of Integrated Circuit Operational Amplifiers”,
IEEE Journal
of Solid-State Circuits, SC-9, 353 (1974).
OUT
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
VCC +
RP
IN –
2
IN+
1
VCC –
RD1
11
J1
J2
10
RSS
ISS
3
12
RD2
VE
54
DE
DP
VC
DC
C1
53
R2
6
9
EGND
VB
FB
C2
GCM
GA
VLIM
8
5
RO1
RO2
HLIM
90
DLP
91
DLN
92
VLN
VLP
99
7
4
.SUBCKT TLE208x 1 2 3 4 5
C1
11
12
2.2E–12
C2
6
7
10.00E–12
DC
5
53
DX
DE
54
5
DX
DLP 90
91
DX
DLN 92
90
DX
DP
4
3
DX
EGND
99
0 POLY (2) (3,0) (4,0) 0 .5 .5
FB
7
99
POLY (5) VB VC VE VLP VLN 0
+
5.607E6 –6E6 6E6 6E6 –6E6
. . . .
GA
6
0
11 12 333.0E–6
GCM 0
6
10 99 7.43E–9
ISS
3
10
DC 400.0E–6
HLIM 90
0
VLIM 1K
J1
11
2
10 JX
J2
12
1
10 JX
RD1 4
11
3.003E3
RD2 4
12
3.003E3
R01
8
5
80
R02
7
99
80
RP
3
4
27.30E3
RSS 10
99
500.0E3
VB
9
0
DC 0
VC
3
53
DC 2.20
VE
54
4
DC 2.20
VLIM 7
8
DC 0
VLP 91
0
DC 45
VLN
0
92
DC 45
.MODEL DX D (IS=800.0E–18)
.MODEL JX PJF (IS=15.00E–12 BETA=554.5E–6
+ VTO=–.6)
.ENDS
R2
6
9
100.0E3
Figure 76. Boyle Macromodel and Subcircuit
PSpice and Parts are trademarks of MicroSim Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com