Electronic Components Datasheet Search
  English  ▼

X  

TLE2081 Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2081
Description  EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2081 Datasheet(HTML) 58 Page - Texas Instruments

Back Button TLE2081 Datasheet HTML 54Page - Texas Instruments TLE2081 Datasheet HTML 55Page - Texas Instruments TLE2081 Datasheet HTML 56Page - Texas Instruments TLE2081 Datasheet HTML 57Page - Texas Instruments TLE2081 Datasheet HTML 58Page - Texas Instruments TLE2081 Datasheet HTML 59Page - Texas Instruments TLE2081 Datasheet HTML 60Page - Texas Instruments TLE2081 Datasheet HTML 61Page - Texas Instruments TLE2081 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 69 page
background image
TLE208x, TLE208xA, TLE208xY
EXCALIBUR HIGH-SPEED JFET-INPUT
OPERATIONAL AMPLIFIERS
SLOS182A – FEBRUARY 1997 – REVISED MARCH 2000
58
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 66
6
4
2
0
020
40
60
8
GAIN MARGIN
vs
LOAD CAPACITANCE
10
80
100
VCC
± = ±15 V
VIC = 0
VO = 0
RL = 2 kΩ
TA = 25°C
CL – Load Capacitance – pF
Figure 67
30
°
20
°
10
°
0
°
40
°
50
°
60
°
70
°
80
°
90
°
–75 – 55 – 35 –15
5
25
45
PHASE MARGIN
vs
FREE-AIR TEMPERATURE
65
85
105
VCC
± = ±15 V
VCC
± = ±15 V
VCC
± = ±5 V
VCC
± = ±5 V
125
VIC = 0
VO = 0
CL = 25 pF
CL = 100 pF
TA – Free-Air Temperature – °C
RL = 2 kΩ
Figure 68
PHASE MARGIN
vs
SUPPLY VOLTAGE
04
8
12
16
20
VIC = 0
VO = 0
RL = 2 kΩ
TA = 25°C
0
°
10
°
90
°
80
°
30
°
20
°
40
°
50
°
60
°
70
°
CL = 25 pF
CL = 100 pF
|VCC
±| – Supply Voltage – V
Figure 69
0
°
10
°
90
°
80
°
VIC = 0
VO = 0
RL = 2 kΩ
TA = 25°C
VCC
± = ±15 V
VCC
± = ±5 V
PHASE MARGIN
vs
LOAD CAPACITANCE
30
°
20
°
40
°
50
°
60
°
70
°
0
20
40
60
80
100
CL – Load Capacitance – pF
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com