Electronic Components Datasheet Search
  English  ▼

X  

TLE2081 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2081
Description  EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2081 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TLE2081 Datasheet HTML 51Page - Texas Instruments TLE2081 Datasheet HTML 52Page - Texas Instruments TLE2081 Datasheet HTML 53Page - Texas Instruments TLE2081 Datasheet HTML 54Page - Texas Instruments TLE2081 Datasheet HTML 55Page - Texas Instruments TLE2081 Datasheet HTML 56Page - Texas Instruments TLE2081 Datasheet HTML 57Page - Texas Instruments TLE2081 Datasheet HTML 58Page - Texas Instruments TLE2081 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 69 page
background image
TLE208x, TLE208xA, TLE208xY
EXCALIBUR HIGH-SPEED JFET-INPUT
OPERATIONAL AMPLIFIERS
SLOS182A – FEBRUARY 1997 – REVISED MARCH 2000
55
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 54
TA – Free-Air Temperature – °C
50
46
38
34
30
66
42
– 75 – 55 – 35 –15
5
25
45
58
54
62
SLEW RATE
vs
FREE-AIR TEMPERATURE
70
65
85
105 125
VCC
± = ±15 V
RL = 2 kΩ
CL = 100 pF
SR –
SR +
Figure 55
RL – Load Resistance – Ω
10
–10
0
– 20
– 50
50
– 30
100
1 k
10 k
100 k
30
20
40
SLEW RATE
vs
LOAD RESISTANCE
VCC
± = ±15 V
VO
± = ±10 V
VCC
± = ±5 V
VO
± = ±2.5 V
Rising Edge
Falling Edge
– 40
AV = – 1
CL = 100 pF
TA = 25°C
Figure 56
VID – Differential Input Voltage – V
50
0.1
0.4
1
4
10
SLEW RATE
vs
DIFFERENTIAL INPUT VOLTAGE
VCC
± = ±15 V
VO
± = ±10 V (10% – 90%)
CL = 100 pF
TA = 25°C
Rising Edge
Falling Edge
40
30
20
10
0
–10
– 20
– 30
– 40
– 50
AV = 1
AV = – 1
AV = – 1
AV = 1
Figure 57
40
5
25
15
0
50
30
10
100
1 k
10 k
45
10
20
f – Frequency – Hz
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
35
VIC = 0
RS = 20 Ω
TA = 25°C
VCC
± = ±15 V
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com