Electronic Components Datasheet Search
  English  ▼

X  

TLV5535IPW Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5535IPW
Description  8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5535IPW Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV5535IPW Datasheet HTML 10Page - Texas Instruments TLV5535IPW Datasheet HTML 11Page - Texas Instruments TLV5535IPW Datasheet HTML 12Page - Texas Instruments TLV5535IPW Datasheet HTML 13Page - Texas Instruments TLV5535IPW Datasheet HTML 14Page - Texas Instruments TLV5535IPW Datasheet HTML 15Page - Texas Instruments TLV5535IPW Datasheet HTML 16Page - Texas Instruments TLV5535IPW Datasheet HTML 17Page - Texas Instruments TLV5535IPW Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
TLV5535
8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
SLAS221 – JUNE 1999
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLE OF OPERATION
analog input (continued)
So, for applications running at a lower fCLK, the total source resistance will increase proportionally.
AIN
CI
S1
RSW
RS
VS
TLV5535
Figure 12. Simplified Equivalent Input Circuit
dc coupled input
For dc-coupled systems an op amp can level-shift a ground-referenced input signal. A circuit as shown in
Figure 13(a) is acceptable. Alternatively, the user might want a bipolar shift together with the bottom reference
voltage as seen in Figure 13(b). In this case the AIN voltage is given by:
AIN
+ 2
R
2 ÷
R
1 )
R
2
V
REF
–V
IN
_
+
AVDD
VIN
REFTI
REFTO
REFBI
REFBO
AIN
TLV5535
_
+
VREF
VIN
REFTI
REFTO
REFBI
REFBO
AIN
TLV5535
RIN
R1
RIN
R2
(a)
(b)
Figure 13. DC-Coupled Input Circuit
ac coupled input
For many applications, especially in single supply operation, ac coupling offers a convenient way for biasing
the analog input signal at the proper signal range. Figure 14 shows a typical configuration. To maintain the
outlined specifications, the component values need to be carefully selected. The most important issue is the
positioning of the 3-dB high-pass corner point f–3 dB, which is a function of R2 and the parallel combination of
C1 and C2, called Ceq. This is given by the following equation:
f
–3 dB +
1
÷ 2π xR
2
xCeq
where Ceq is the parallel combination of C1 and C2.
Since C1 is typically a large electrolytic or tantalum capacitor, the impedance becomes inductive at higher
frequencies. Adding a small ceramic or polystyrene capacitor, C2 of approximately 0.01
µF, which is not
inductive within the frequency range of interest, maintains low impedance. If the minimum expected input signal
frequency is 20 kHz, and R2 equals 1 k
Ω and R1 equals 50 Ω, the parallel capacitance of C1 and C2 must be
a minimum of 8 nF to avoid attenuating signals close to 20 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com