Electronic Components Datasheet Search
  English  ▼

X  

TLV5535IPW Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5535IPW
Description  8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5535IPW Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLV5535IPW Datasheet HTML 18Page - Texas Instruments TLV5535IPW Datasheet HTML 19Page - Texas Instruments TLV5535IPW Datasheet HTML 20Page - Texas Instruments TLV5535IPW Datasheet HTML 21Page - Texas Instruments TLV5535IPW Datasheet HTML 22Page - Texas Instruments TLV5535IPW Datasheet HTML 23Page - Texas Instruments TLV5535IPW Datasheet HTML 24Page - Texas Instruments TLV5535IPW Datasheet HTML 25Page - Texas Instruments TLV5535IPW Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
TLV5535
8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
SLAS221 – JUNE 1999
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLV5535 EVALUATION MODULE
+
+
C20
10
µF
C12
10
µF
C11
1
µF
L6
4.7
µH
1
2
J6
Analog +12 V
AV +12 V
C21
10
µF
C14
10
µF
C13
1
µF
L7
4.7
µH
1
2
J7
Analog –12 V
AV –12 V
+
+
+
+
C19
10
µF
C10
10
µF
C9
1
µF
L5
4.7
µH
1
2
J5
Analog +5 V
AV5
+
+
C18
10
µF
C8
10
µF
C7
1
µF
L4
4.7
µH
1
2
J4
Analog +3.3 V
AV3
+
+
C17
10
µF
C6
10
µF
C5
1
µF
L3
4.7
µH
1
2
J3
Digital +5 V
DV5
+
+
C16
10
µF
C4
10
µF
C3
1
µF
L2
4.7
µH
1
2
J2
Digital +3.3 V (DVDD)
DV3
+
+
C15
10
µF
C2
10
µF
C1
1
µF
L1
4.7
µH
1
2
J1
Digital +3.3 V (DRVDD)
DRV3
Figure 15. EVM Schematic (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com