Electronic Components Datasheet Search
  English  ▼

X  

TLV5613 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5613
Description  2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5613 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV5613 Datasheet HTML 2Page - Texas Instruments TLV5613 Datasheet HTML 3Page - Texas Instruments TLV5613 Datasheet HTML 4Page - Texas Instruments TLV5613 Datasheet HTML 5Page - Texas Instruments TLV5613 Datasheet HTML 6Page - Texas Instruments TLV5613 Datasheet HTML 7Page - Texas Instruments TLV5613 Datasheet HTML 8Page - Texas Instruments TLV5613 Datasheet HTML 9Page - Texas Instruments TLV5613 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TLV5613
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER
WITH POWER DOWN
SLAS174A – DECEMBER 1997 – REVISED JULY 1998
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements
digital inputs
MIN
NOM
MAX
UNIT
tsu(D)
Setup time, data ready before positive WE edge
9
ns
tsu(CS-WE)
Setup time, CS low before positive WE edge
13
ns
tsu(A)
Setup time, address bits A0, A1
17
ns
th(D)
Hold time, data held after positive WE edge
0
ns
tsu(WE-LD)
Setup time, positive WE edge before LDAC low
0
ns
tw(WE)
Pulse duration, WE high
10
ns
tw(LD)
Pulse duration, LDAC low
10
µs
PARAMETER MEASUREMENT INFORMATION
X
Data
X
X
Address
X
tsu(D)
tsu(A)
th(D)
tw(WE)
tsu(WE-LD)
tw(LD)
tsu(CS-WE)
D(0–7)
A(0–1)
CS
WE
LDAC
Figure 1. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com