Electronic Components Datasheet Search
  English  ▼

X  

TLV5613 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5613
Description  2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5613 Datasheet(HTML) 4 Page - Texas Instruments

  TLV5613 Datasheet HTML 1Page - Texas Instruments TLV5613 Datasheet HTML 2Page - Texas Instruments TLV5613 Datasheet HTML 3Page - Texas Instruments TLV5613 Datasheet HTML 4Page - Texas Instruments TLV5613 Datasheet HTML 5Page - Texas Instruments TLV5613 Datasheet HTML 6Page - Texas Instruments TLV5613 Datasheet HTML 7Page - Texas Instruments TLV5613 Datasheet HTML 8Page - Texas Instruments TLV5613 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TLV5613
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER
WITH POWER DOWN
SLAS174A – DECEMBER 1997 – REVISED JULY 1998
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, supply
voltages, and reference voltages (unless otherwise noted)
power supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD =5V
Fast
1.6
3
mA
IDD
Power supply current
No load,
All inputs = GND or DVDD
VDD = 5 V
Slow
0.5
1.3
mA
IDD
Power supply current
All inputs = GND or DVDD,
DAC latch = 0x800
VDD =3V
Fast
1.4
2.7
mA
VDD = 3 V
Slow
0.4
1.1
mA
Power down supply current
See Figure 14
0.01
10
µA
PSRR
Power supply rejection ratio
Zero scale,
See Note 2
–65
dB
PSRR
Power supply rejection ratio
Full scale,
See Note 3
–65
dB
NOTES:
2. Power supply rejection ratio at zero scale is measured by varying AVDD and is given by:
PSRR = 20 log [(EZS(AVDDmax) – EZS(AVDDmin))/AVDDmax]
3. Power supply rejection ratio at full scale is measured by varying AVDD and is given by:
PSRR = 20 log [(EG(AVDDmax) – EG(AVDDmin))/AVDDmax]
static DAC specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
Vref(REFIN) = 2.048 V, 1.024 V
12
bits
Integral nonlinearity (INL), end point adjusted
Vref(REFIN) = 2.048 V, 1.024 V,
See Note 4
±1.5
±4
LSB
Differential nonlinearity (DNL)
Vref(REFIN) = 2.048 V, 1.024 V,
See Note 5
±0.4
± 1
LSB
EZS
Zero-scale error (offset error at zero scale)
Vref(REFIN) = 2.048 V, 1.024 V,
See Note 6
±3
±20
mV
Zero-scale-error temperature coefficient
Vref(REFIN) = 2.048 V, 1.024 V,
See Note 7
3
ppm/
°C
EG
Gain error
Vref(REFIN) = 2.048 V, 1.024 V,
See Note 8
±0.25
±0.5
% of FS
voltage
Gain error temperature coefficient
Vref(REFIN) = 2.048 V, 1.024 V,
See Note 9
1
ppm/
°C
NOTES:
4. The relative accuracy or integral nonlinearity (INL) sometimes referred to as linearity error, is the maximum deviation of the output
from the line between zero and full scale excluding the effects of zero code and full-scale errors.
5. The differential nonlinearity (DNL) sometimes referred to as differential error, is the difference between the measured and ideal 1
LSB amplitude change of any two adjacent codes. Monotonic means the output voltage changes in the same direction (or remains
constant) as a change in the digital input code.
6. Zero-scale error is the deviation from zero voltage output when the digital input code is zero.
7. Zero-scale-error temperature coefficient is given by: EZS TC = [EZS (Tmax) – EZS (Tmin)]/Vref × 106/(Tmax – Tmin).
8. Gain error is the deviation from the ideal output (Vref – 1 LSB) with an output load of 10 kΩ excluding the effects of the zero-error.
9. Gain temperature coefficient is given by: EG TC = [EG(Tmax) – EG (Tmin)]/Vref × 106/(Tmax – Tmin).
output specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Output voltage
RL = 10 kΩ
0
AVDD–0.4
V
Output load regulation accuracy
VO(OUT) = 4.096 V,
RL = 2 kΩ,
0.1
0.29
% of FS
voltage
IOSC(source) Output short circuit source current
VO(OUT) =0V input all 1s
AVDD = 5 V
–100
mA
IOSC(source) Out ut short circuit source current
VO(OUT) = 0 V, in ut all 1s
AVDD = 3 V
–25
mA
IOSC(sink)
Output short circuit sink current
RL = 100 Ω input all 1s
AVDD = 5 V
–10
mA
IOSC(sink)
Out ut short circuit sink current
RL = 100 Ω, in ut all 1s
AVDD = 3 V
–10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com