Electronic Components Datasheet Search
  English  ▼

X  

TLV986 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV986
Description  3-V, 10-BIT, 12.5 MSPS, AREA CCD SENSOR PROCESSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV986 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV986 Datasheet HTML 2Page - Texas Instruments TLV986 Datasheet HTML 3Page - Texas Instruments TLV986 Datasheet HTML 4Page - Texas Instruments TLV986 Datasheet HTML 5Page - Texas Instruments TLV986 Datasheet HTML 6Page - Texas Instruments TLV986 Datasheet HTML 7Page - Texas Instruments TLV986 Datasheet HTML 8Page - Texas Instruments TLV986 Datasheet HTML 9Page - Texas Instruments TLV986 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TLV986
3-V, 10-BIT, 12.5 MSPS, AREA CCD SENSOR PROCESSOR
SLAS228 – JULY 1999
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
TA = 25°C, AVDD = DVDD = 3 V, ADCCLK = 12.5 MHz (unlessotherwise noted) (continued)
reference voltages
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Internal bandgap voltage reference
1.43
1.50
1.58
V
Temperature coefficient
100
ppm/
°C
ADC Reference+
Externally decoupled
1.8
2
2.2
V
ADC Reference–
Externally decoupled
0.9
1
1.1
V
digital specifications
logic inputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIH
High-level input current
DIVDD =3V
–10
10
µA
IIL
Low-level input current
DIVDD = 3 V
–10
10
µA
Ci
Input capacitance
5
pF
logic outputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = 50 µA,
DIVDD = 3 V
DIVDD–0.4
V
VOL
Low-level output voltage
IOL= 50 µA,
DIVDD = 3 V
0.4
V
IOZ
High-impedance-state output current
–10
10
µA
CO
Output capacitance
5
pF
key timing requirements
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t(SRW)
SR pulse width
Measured at 50% of pulse height
10
ns
t(SVW)
SV pulse width
Measured at 50% of pulse height
10
ns
t(OBS)
OBCLP falling edge to ADCCLK rising edge
Minimum 0.25
× one ADCCLK cycle
t(OBE)
ADCCLK falling edge to OBCLP rising edge
Not critical, but should not exceed 2N pixels
t(OD)
ADCCLK to output data delay
4
9
ns
t(CSF)
CS falling edge to SCLK rising edge
0
ns
t(CSR)
SCLK falling edge to CS rising edge
5
ns
0
5
10
15
20
25
30
35
40
0
28
56
84
112 140 168 196 224 252 280 308 336 364 392 420 448 476 504
PGA – Gain Code
TLV986 GAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com